Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-22 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS650-22
Description  PVR and STB Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-22 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS650-22 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-22 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PVR and STB Clock Source
MDS 650-22 D
5
Revision 051004
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-22
Package Outline and Package Dimensions (20-pin SSOP, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit
Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of
third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended
temperature range, high reliability, or other extraordinary environmental requirements are not recommended
without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice.
ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS650R-22
650R-22
Tubes
20-pin SSOP
0 to +70
°C
ICS650R-22T
650R-22
Tape and Reel
20-pin SSOP
0 to +70
°C
ICS650R-22LF
650R-22L
Tubes
20-pin SSOP
0 to +70
°C
ICS650R-22LFT
650R-22L
Tape and Reel
20-pin SSOP
0 to +70
°C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
.10 (.004)
C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.351.75.053
.069
A1
0.10
0.25
.0040
.010
A2
--
1.50
--
.059
b
0.20
0.30
0.008
0.012
C
0.180.25.007
.010
D
8.558.75.337
.344
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 Basic
0.025 Basic
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com