Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530DYI01 Datasheet (PDF) - Integrated Circuit Systems

ICS8530DYI01 Datasheet PDF - Integrated Circuit Systems
Part # ICS8530DYI01
Download  ICS8530DYI01 Download
File Size   267.96 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER

ICS8530DYI01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8530DYI01 Datasheet PDF - Integrated Circuit Systems

Part # ICS8530DYI01
Download  ICS8530DYI01 Click to download

File Size   267.96 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER

ICS8530DYI01 Datasheet (HTML) - Integrated Circuit Systems


ICS8530DYI01 Product details

GENERAL DESCRIPTION
The ICS8530I-01 is a low skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer and a member of the HiPerClockS™family of High Performance Clock Solutions from ICS. The CLK, nCLK pair can accept most standard differential input levels. The high gain differential amplifier accepts peak-topeak input voltages as small as 150mV as long as the common mode voltage is within the specified minimum and maximum range.

FEATURES
• (16) differential 3.3V LVPECL outputs
• CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 500MHz
• Translates any single-ended input signal to 3.3V LVPECL levels with a resistor bias on nCLK input
• Output skew: 50ps (typical)
• Part-to-part skew: 100ps (typical)
• Additive phase jitter, RMS @ 106.25MHz: 0.022ps (typical) @ 25°C
• 3.3V output operating supply
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS8530DYI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530DY ICST-ICS8530DY Datasheet
136Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
REV. C AUGUST 7, 2001
ICS8530DY-01 ICST-ICS8530DY-01 Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8530DY-01T ICST-ICS8530DY-01T Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8530DYT ICST-ICS8530DYT Datasheet
136Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
REV. C AUGUST 7, 2001
More results


Similar Description - ICS8530DYI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530-01 ICST-ICS8530-01 Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
8530I-01 IDT-8530I-01_15 Datasheet
396Kb / 18P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8530I-01 RENESAS-8530I-01 Datasheet
591Kb / 19P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com