Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530DY Datasheet (PDF) - Integrated Circuit Systems

ICS8530DY Datasheet PDF - Integrated Circuit Systems
Part # ICS8530DY
Download  ICS8530DY Download
File Size   136.83 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER

ICS8530DY Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8530DY Datasheet PDF - Integrated Circuit Systems

Part # ICS8530DY
Download  ICS8530DY Click to download

File Size   136.83 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER

ICS8530DY Datasheet (HTML) - Integrated Circuit Systems


ICS8530DY Product details

GENERAL DESCRIPTION
The ICS8530 is a low skew, 1-to-16 Differentialto-2.5V LVPECL Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The CLK, nCLK pair can accept most standard differential input levels. The high gain differential amplifier accepts peak-to-peak input voltages as small as 150mV, as long as the common mode voltage is within the specified minimum and maximum range. Guaranteed output and part-to-part skew characteristics make the ICS8530 ideal for those clock distribution applications demanding well defined performance and repeatability.

FEATURES
• 16 differential 2.5V LVPECL outputs
• CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency up to 500MHz
• Translates any single-ended input signal to 2.5V LVPECL levels with a resistor bias on nCLK input
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation Delay: 2ns (maximum)
• 3.3V core, 2.5V output operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request




Similar Part No. - ICS8530DY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530DY-01 ICST-ICS8530DY-01 Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8530DY-01T ICST-ICS8530DY-01T Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8530DYI-01 ICST-ICS8530DYI-01 Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
ICS8530DYI-01T ICST-ICS8530DYI-01T Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
ICS8530DYI01 ICST-ICS8530DYI01 Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
More results


Similar Description - ICS8530DY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
8530 IDT-8530 Datasheet
272Kb / 16P
Low Skew, 1-to16, Differential-to-2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com