Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS858012 Datasheet (PDF) - Integrated Circuit Systems

ICS858012 Datasheet PDF - Integrated Circuit Systems
Part # ICS858012
Download  ICS858012 Download
File Size   231.72 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER

ICS858012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS858012 Datasheet PDF - Integrated Circuit Systems

Part # ICS858012
Download  ICS858012 Click to download

File Size   231.72 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER

ICS858012 Datasheet (HTML) - Integrated Circuit Systems


ICS858012 Product details

GENERAL DESCRIPTION
The ICS858012 is a high speed 1-to-2 Differentialto-2.5V, 3.3V LVPECL Fanout Buffer and is a member of the HiPerClockS™ family of high performance clock solutions from ICS. The ICS858012 is optimized for high speed and very low output skew, making it suitable for use in demanding applications such as SONET, 1 Gigabit and 10 Gigabit Ethernet, and Fibre Channel. The internally terminated differential input and VREF_AC pin allow other differential signal families such as LVPECL, LVDS, LVHSTL and HCSL to be easily interfaced to the input with minimal use of external components. The ICS858012 is packaged in a small 3mm x 3mm 16-pin VFQFN package which makes it ideal for use in space-constrained applications.

FEATURES
• Two differential LVPECL outputs
• One differential LVPECL clock input
• IN, nIN pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency: 2GHz (typical)
• Output skew: <15ps (typical)
• Part-to-part skew: TBD
• Additive phase jitter, RMS: TBD
• Propagation delay: 350ps (typical)
• Operating voltage supply range: VCC = 2.375V to 3.63V, VEE = 0V
• -40°C to 85°C ambient operating temperature
• Availabe in both standard and lead-free RoHS compliant packages




Similar Part No. - ICS858012

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS858020 IDT-ICS858020 Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AK IDT-ICS858020AK Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKLF IDT-ICS858020AKLF Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKLFT IDT-ICS858020AKLFT Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKT IDT-ICS858020AKT Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
More results


Similar Description - ICS858012

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
REV. A JUNE 29, 2001
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
853S011B IDT-853S011B Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com