Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS858012 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS858012
Description  LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS858012 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS858012 Datasheet HTML 1Page - Integrated Circuit Systems ICS858012 Datasheet HTML 2Page - Integrated Circuit Systems ICS858012 Datasheet HTML 3Page - Integrated Circuit Systems ICS858012 Datasheet HTML 4Page - Integrated Circuit Systems ICS858012 Datasheet HTML 5Page - Integrated Circuit Systems ICS858012 Datasheet HTML 6Page - Integrated Circuit Systems ICS858012 Datasheet HTML 7Page - Integrated Circuit Systems ICS858012 Datasheet HTML 8Page - Integrated Circuit Systems ICS858012 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
858012AK
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 28, 2005
1
Integrated
Circuit
Systems, Inc.
ICS858012
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-
2.5V, 3.3V LVPECL FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS858012 is a high speed 1-to-2 Differential-
to-2.5V, 3.3V LVPECL Fanout Buffer and is a
member of the HiPerClockS™ family of high
performance clock solutions from ICS. The
ICS858012 is optimized for high speed and very
low output skew, making it suitable for use in demanding
applications such as SONET, 1 Gigabit and 10 Gigabit
Ethernet, and Fibre Channel. The internally terminated
differential input and VREF_AC pin allow other differential signal
families such as LVPECL, LVDS, LVHSTL and HCSL to be
easily interfaced to the input with minimal use of external
components. The ICS858012 is packaged in a small 3mm x
3mm 16-pin VFQFN package which makes it ideal for use in
space-constrained applications.
FEATURES
• Two differential LVPECL outputs
• One differential LVPECL clock input
• IN, nIN pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency: 2GHz (typical)
• Output skew: <15ps (typical)
• Part-to-part skew: TBD
• Additive phase jitter, RMS: TBD
• Propagation delay: 350ps (typical)
• Operating voltage supply range:
V
CC = 2.375V to 3.63V, VEE = 0V
• -40°C to 85°C ambient operating temperature
• Availabe in both standard and lead-free RoHS compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
IN
V
T
nIN
Q0
nQ0
Q1
nQ1
V
REF_AC
ICS858012
16-Lead VFQFN
3mm x 3mm x 0.95 package body
K Package
Top View
IN
VT
VREF_AC
nIN
Q0
nQ0
nQ1
Q1
1
2
3
4
12
11
10
9
5
6
7
8
16 15 14 13
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.


Similar Part No. - ICS858012

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS858020 IDT-ICS858020 Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AK IDT-ICS858020AK Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKLF IDT-ICS858020AKLF Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKLFT IDT-ICS858020AKLFT Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858020AKT IDT-ICS858020AKT Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
More results

Similar Description - ICS858012

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
REV. A JUNE 29, 2001
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
853S011B IDT-853S011B Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com