Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS858012 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS858012
Description  LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS858012 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS858012 Datasheet HTML 3Page - Integrated Circuit Systems ICS858012 Datasheet HTML 4Page - Integrated Circuit Systems ICS858012 Datasheet HTML 5Page - Integrated Circuit Systems ICS858012 Datasheet HTML 6Page - Integrated Circuit Systems ICS858012 Datasheet HTML 7Page - Integrated Circuit Systems ICS858012 Datasheet HTML 8Page - Integrated Circuit Systems ICS858012 Datasheet HTML 9Page - Integrated Circuit Systems ICS858012 Datasheet HTML 10Page - Integrated Circuit Systems ICS858012 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
858012AK
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 28, 2005
7
Integrated
Circuit
Systems, Inc.
ICS858012
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-
2.5V, 3.3V LVPECL FANOUT BUFFER
PRELIMINARY
LVPECL INPUT WITH BUILT-IN 50
Ω
Ω
Ω
Ω
Ω TERMINATION INTERFACE (3.3V)
The IN /nIN with built-in 50
Ω terminations accepts LVDS,
LVPECL, LVHSTL, CML, SSTL and other differential signals.
Both VSWING and VOH must meet the V
PP and VCMR input require-
ments. Figures 2A to 2E show interface examples for the
HiPerClockS IN/nIN input with built-in 50
Ω terminations driven
by the most common driver types. The input interfaces sug-
gested here are examples only. If the driver is from another ven-
dor, use their termination recommendation. Please consult with
the vendor of the driver component to confirm the driver termi-
nation requirements.
FIGURE 2A. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN LVDS DRIVER
FIGURE 2B. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN LVPECL DRIVER
FIGURE 2D. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY A CML DRIVER
WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω PULLUP
3.3V
Zo = 50 Ohm
3.3V
LVDS
Receiver
With
Built-In
50 Ohm
IN
nIN
VT
Zo = 50 Ohm
R1
50
IN
nIN
VT
3.3V
Zo = 50 Ohm
Receiver
With
Built-In
50 Ohm
3.3V
LVPECL
Zo = 50 Ohm
FIGURE 2E. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN SSTL DRIVER
3.3V
Receiver
With
Built-In
50 Ohm
Zo = 50 Ohm
IN
nIN
VT
3.3V
Zo = 50 Ohm
CML- Built-in 50 Ohm Pull-Up
FIGURE 2C. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY A CML DRIVER
WITH
OPEN COLLECTOR
Zo = 50 Ohm
Zo = 50 Ohm
3.3V
R2
25
Receiver
With
Built-In
50 Ohm
IN
nIN
VT
SSTL
R1
25
3.3V
3.3V
CML- Open Collector
IN
nIN
VT
Zo = 50 Ohm
Receiver
With
Built-In
50 Ohm
3.3V
Zo = 50 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com