Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S004I Datasheet (PDF) - Renesas Technology Corp

ICS853S004I Datasheet PDF - Renesas Technology Corp
Part # ICS853S004I
Download  ICS853S004I Download
File Size   474.43 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer

ICS853S004I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853S004I Datasheet PDF - Renesas Technology Corp

Part # ICS853S004I
Download  ICS853S004I Click to download

File Size   474.43 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer

ICS853S004I Datasheet (HTML) - Renesas Technology Corp


ICS853S004I Product details

General Description
The ICS853S004I is a low skew, high performance 1-to-4, 2.5V/3.3V
Differential-to-LVPECL Fanout Buffer. Guaranteed output and
part-to-part skew characteristics make the ICS853S004I ideal for
those applications demanding well defined performance and
repeatability.
Features
• Four differential LVPECL outputs
• Differential LVPECL clock input pair
• PCLK, nPCLK pair can accept the following
differential input levels: LVPECL, LVDS, CML
• Maximum output frequency: 2GHz
• Output skew: 25ps (maximum)
• Part-to-part skew: 100ps (maximum)
• Propagation delay: 500ps (maximum)
• Additive Phase Jitter, RMS: 0.10ps (maximum) @156.25MHz
(12kHz - 20MHz)
• Clock enable signal synchronized to eliminate runt clock pulses
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.8V, VEE = 0V
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS853S004I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
More results


Similar Description - ICS853S004I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Integrated Device Techn...
853S004I IDT-853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com