Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530DY Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8530DY
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8530DY Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8530DY Datasheet HTML 1Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 2Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 3Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 4Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 5Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 6Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 7Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 8Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ICS8530DY
www.icst.com/products/hiperclocks.html
REV. C AUGUST 7, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8530
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
BLOCK DIAGRAM
PIN ASSIGNMENT
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VCCO
Q11
nQ11
Q10
nQ10
VEE
Q9
nQ9
Q8
nQ8
VCCO
VCC
CLK
VCCO
nQ0
Q0
nQ1
Q1
VEE
nQ2
Q2
nQ3
Q3
VCCO
ICS8530
CLK
nCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q15
nQ15
Q14
nQ14
Q13
nQ13
Q12
nQ12
Q11
nQ11
Q10
nQ10
Q9
nQ9
Q8
nQ8
48-Pin LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
HiPerClockS™
,&6
FEATURES
• 16 differential 2.5V LVPECL outputs
• CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input
levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency up to 500MHz
• Translates any single-ended input signal to 2.5V LVPECL
levels with a resistor bias on nCLK input
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation Delay: 2ns (maximum)
• 3.3V core, 2.5V output operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS8530 is a low skew, 1-to-16 Differential-
to-2.5V LVPECL Fanout Buffer and a member of
the HiPerClockS™ family of High Performance
Clock Solutions from ICS. The CLK, nCLK pair
can accept most standard differential input lev-
els. The high gain differential amplifier accepts peak-to-peak
input voltages as small as 150mV, as long as the common
mode voltage is within the specified minimum and maximum
range.
Guaranteed output and part-to-part skew characteristics
make the ICS8530 ideal for those clock distribution applica-
tions demanding well defined performance and repeatability.


Similar Part No. - ICS8530DY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530DY-01 ICST-ICS8530DY-01 Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8530DY-01T ICST-ICS8530DY-01T Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8530DYI-01 ICST-ICS8530DYI-01 Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
ICS8530DYI-01T ICST-ICS8530DYI-01T Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
ICS8530DYI01 ICST-ICS8530DYI01 Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
More results

Similar Description - ICS8530DY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
8530 IDT-8530 Datasheet
272Kb / 16P
Low Skew, 1-to16, Differential-to-2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com