Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83947AYIT Datasheet (PDF) - Integrated Circuit Systems

ICS83947AYIT Datasheet PDF - Integrated Circuit Systems
Part # ICS83947AYIT
Download  ICS83947AYIT Download
File Size   131.31 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER

ICS83947AYIT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS83947AYIT Datasheet PDF - Integrated Circuit Systems

Part # ICS83947AYIT
Download  ICS83947AYIT Click to download

File Size   131.31 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER

ICS83947AYIT Datasheet (HTML) - Integrated Circuit Systems


ICS83947AYIT Product details

GENERAL DESCRIPTION
The ICS83947I is a low skew, 1-to-9 LVCMOS Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The low impedance LVCMOS/LVTTL outputs are designed to drive 50Ω series or parallel terminated transmission lines. The effective fanout can be increased from 9 to 18 by utilizing the ability of the outputs to drive two series terminated lines.

FEATURES
• 9 LVCMOS/LVTTL outputs
• Selectable CLK0 and CLK1 can accept the following input levels: LVCMOS and LVTTL
• Maximum output frequency: 110MHz
• Output skew: 500ps (maximum)
• Part-to-part skew: 2ns (maximum)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-Free package available
• Pin compatible with the MPC947




Similar Part No. - ICS83947AYIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83947AYI-147 ICST-ICS83947AYI-147 Datasheet
169Kb / 10P
LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
REV. A SEPTEMBER 24, 2004
ICS83947AYI-147T ICST-ICS83947AYI-147T Datasheet
169Kb / 10P
LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
REV. A SEPTEMBER 24, 2004
More results


Similar Description - ICS83947AYIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
ICS83940 ICST-ICS83940 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. B JULY 31, 2001
ICS83947I-147 ICST-ICS83947I-147 Datasheet
169Kb / 10P
LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
REV. A SEPTEMBER 24, 2004
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
83947I IDT-83947I Datasheet
106Kb / 10P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
83947I-147 IDT-83947I-147 Datasheet
205Kb / 12P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83947I RENESAS-83947I Datasheet
210Kb / 11P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
March 17, 2016
ICS83947I-147 RENESAS-ICS83947I-147 Datasheet
398Kb / 13P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
March 18, 2016
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com