Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940 Datasheet (PDF) - Integrated Circuit Systems

ICS83940 Datasheet PDF - Integrated Circuit Systems
Part # ICS83940
Download  ICS83940 Download
File Size   109.52 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER

ICS83940 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS83940 Datasheet PDF - Integrated Circuit Systems

Part # ICS83940
Download  ICS83940 Click to download

File Size   109.52 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER

ICS83940 Datasheet (HTML) - Integrated Circuit Systems


ICS83940 Product details

GENERAL DESCRIPTION
The ICS83940 is a low skew, 1-to-18 Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The low impedance LVCMOS outputs are designed to drive 50Ω series or parallel terminated transmission lines. The effective fanout can be increased from 18 to 36 by utilizing the ability of the outputs to drive two series terminated lines. The differential clock input is designed to accept any differential input levels including LVPECL.

FEATURES
• 18 LVCMOS outputs, 23Ω typical output impedance
• Output frequency up to 200MHz
• 150ps output skew
• Part to part skew: 850ps
• Selectable LVCMOS or differential clock input
• LVTTL / LVCMOS clock select input
• Full 3.3V, 2.5V or mixed 3.3V, 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request




Similar Part No. - ICS83940

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
ICS83940AY-01 ICST-ICS83940AY-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940AY-01T ICST-ICS83940AY-01T Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940AY-02 ICST-ICS83940AY-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
More results


Similar Description - ICS83940

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. B JUNE 15, 2004
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
83940D RENESAS-83940D Datasheet
428Kb / 17P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com