Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS83940
Description  LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS83940 Datasheet HTML 1Page - Integrated Circuit Systems ICS83940 Datasheet HTML 2Page - Integrated Circuit Systems ICS83940 Datasheet HTML 3Page - Integrated Circuit Systems ICS83940 Datasheet HTML 4Page - Integrated Circuit Systems ICS83940 Datasheet HTML 5Page - Integrated Circuit Systems ICS83940 Datasheet HTML 6Page - Integrated Circuit Systems ICS83940 Datasheet HTML 7Page - Integrated Circuit Systems ICS83940 Datasheet HTML 8Page - Integrated Circuit Systems ICS83940 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
83940AY
www.icst.com/products/hiperclocks.html
REV. B JULY 31, 2001
2
Integrated
Circuit
Systems, Inc.
ICS83940
LOW SKEW, 1-TO-18
LVCMOS FANOUT BUFFER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
5
2
,
7
1
,
2
1
,
2
,
1D
N
Gr
e
w
o
P.
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
p
t
u
p
t
u
O
3K
L
C
_
S
O
M
C
V
Lt
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
O
M
C
V
L
.
t
u
p
n
i
k
c
o
l
C
4L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
t
u
p
n
i
k
c
o
l
c
S
O
M
C
V
L
t
c
e
l
e
S
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
n
e
h
w
s
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
s
t
c
e
l
e
S
.
H
G
I
H
n
e
h
w
.
W
O
L
5K
L
Ct
u
p
n
In
w
o
d
ll
u
P
l
a
i
t
n
e
r
e
f
f
i
d
y
n
A
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
.
s
l
e
v
e
l
e
c
a
f
e
t
n
i
6K
L
C
nt
u
p
n
Ip
u
ll
u
P
l
a
i
t
n
e
r
e
f
f
i
d
y
n
A
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
.
s
l
e
v
e
l
e
c
a
f
e
t
n
i
1
2
,
7I
D
D
Vr
e
w
o
P.
V
5
.
2
r
o
V
3
.
3
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
t
u
p
n
I
9
2
,
6
1
,
8O
D
D
Vr
e
w
o
P.
V
5
.
2
r
o
V
3
.
3
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
t
u
p
t
u
O
,
4
1
,
3
1
,
1
1
,
0
1
,
9
,
2
2
,
0
2
,
9
1
,
8
1
,
5
1
,
8
2
,
7
2
,
6
2
,
4
2
,
3
2
2
3
,
1
3
,
0
3
,
3
1
Q
,
4
1
Q
,
5
1
Q
,
6
1
Q
,
7
1
Q
,
8
Q
,
9
Q
,
0
1
Q
,
1
1
Q
,
2
1
Q
,
3
Q
,
4
Q
,
5
Q
,
6
Q
,
7
Q
0
Q
,
1
Q
,
2
Q
t
u
p
t
u
O
3
2
.
s
t
u
p
t
u
o
k
c
o
l
C
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
O
M
C
V
L
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
N
I
C
t
u
p
n
I
e
c
n
a
t
i
c
a
p
a
C
,
0
K
L
C
n
,
0
K
L
C
K
L
C
_
S
O
M
C
V
L
4F
p
L
E
S
_
K
L
C
4F
p
D
P
C
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
5
6
4
.
3
=
O
D
D
V
,
I
D
D
VF
p
,
V
5
6
4
.
3
=
I
D
D
V
V
5
2
6
.
2
=
O
D
D
V
F
p
V
5
2
6
.
2
=
O
D
D
V
,
I
D
D
VF
p
P
U
L
L
U
P
Rr
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
N
W
O
D
L
L
U
P
Rr
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
T
U
O
Re
c
n
a
d
e
p
m
I
t
u
p
t
u
O
3
2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com