Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6345 Datasheet (PDF) - Agilent(Hewlett-Packard)

AMMC-6345 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AMMC-6345
Download  AMMC-6345 Download
File Size   398.57 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 20 - 45 GHz Driver Amplifier

AMMC-6345 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6345 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AMMC-6345
Download  AMMC-6345 Click to download

File Size   398.57 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 20 - 45 GHz Driver Amplifier

AMMC-6345 Datasheet (HTML) - Agilent(Hewlett-Packard)


AMMC-6345 Product details

Description
The AMMC-6345 MMIC is a broadband medium power amplifier designed for use in driving stage for transmitters that operate in various frequency bands between 20GHz and 45GHz. It can be attached to the driving stage of the AMMC-6425, 6430, and 6440 (18-27 GHz, 25-32GHz, and 37-42GHz) 1W MMIC power amplifiersluding requiring linear operation.

Features
• Wide frequency range: 20 - 45 GHz
• High gain: 20 dB
• Power: @40 GHz, P-1dB=24 dBm
• Highly linear: OIP3=32dBm
• Integrated RF power detector
• 5.0 Volt, -0.7 Volt, 480mA operation

Applications
• Microwave Radio systems
• Satellite VSAT and DBS systems
• LMDS & Pt-Pt mmW Long Haul
• 802.16 & 802.20 WiMax BWA
• WLL and MMDS loops
• Commercial grade military
• Can be driver amplifier for the AMMC-64xx power amplifiers




Similar Part No. - AMMC-6345

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
20 - 45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345-W10 AVAGO-AMMC-6345-W10 Datasheet
520Kb / 10P
20 - 45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345-W10 BOARDCOM-AMMC-6345-W10 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345-W50 AVAGO-AMMC-6345-W50 Datasheet
520Kb / 10P
20 - 45 GHz Driver Amplifier
More results


Similar Description - AMMC-6345

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
32 - 45 GHz Wide Band Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
20 - 45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
20-45 GHz GaAs Amplifier
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
20-GHz to 45-GHz GaAs Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
20-45 GHz Driver Amplifier
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
2-20 GHz Driver Amplifier
August 23, 2021
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com