Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6345 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6345 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6345
Download  AMMC-6345 Download
File Size   520.22 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 20 - 45 GHz Driver Amplifier

AMMC-6345 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6345 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6345
Download  AMMC-6345 Click to download

File Size   520.22 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 20 - 45 GHz Driver Amplifier

AMMC-6345 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6345 Product details

Description
The AMMC-6345 MMIC is a broadband medium power amplifer designed for use in driving stage for transmitters that operate in various frequency bands between 20GHz and 45GHz. It can be used as a driver stage for the AMMC-6425, 6430 and 6440 (18-27GHz, 25-32GHz and 37-42GHz) 1W MMIC power amplifers when linear operation is required. At 40GHz, it provides 24dBm of output power (P-1dB), 20dB of gain, and a 32 dBm output third order intercept (OIP3). The device has input and output matching circuitry for use in 50 Ω environments.

Features
• Wide frequency range: 20 - 45 GHz
• High gain: 20 dB
• Power: @40 GHz, P-1dB=24 dBm
• Highly linear: OIP3=32dBm
• Integrated RF power detector
• 5.0 Volt, -0.55 Volt, 480mA operation

Applications
• Microwave Radio systems
• Satellite VSAT and DBS systems
• LMDS & Pt-Pt mmW Long Haul
• 802.16 & 802.20 WiMax BWA
• WLL and MMDS loops
• Commercial grade military
• Can be driver amplifer for the AMMC-64xx power amplifers




Similar Part No. - AMMC-6345

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
20 - 45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
AMMC-6345-W10 BOARDCOM-AMMC-6345-W10 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
AMMC-6345-W50 BOARDCOM-AMMC-6345-W50 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
More results


Similar Description - AMMC-6345

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
20 - 45 GHz Driver Amplifier
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
32 - 45 GHz Wide Band Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
20-45 GHz GaAs Amplifier
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
20-GHz to 45-GHz GaAs Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
20-45 GHz Driver Amplifier
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
2-20 GHz Driver Amplifier
August 23, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com