Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6345 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6345
Description  20 - 45 GHz Driver Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6345 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6345 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
AMMC-6345 DC Specifications/Physical Properties [1]
AMMC-6345 RF Specifications [3, 4, 5]( TA= 25°C,Vd=5V, Id(Q)=480 mA, Zo=50 Ω)
Gain at 30 GHz
P-1dB at 30 GHz
Typical distribution of Small Signal Gain and Output Power @P-1dB. Based on 1500 part sampled over several produc-
tion lots.
Notes:
1. Ambient operational temperature TA=25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (
θch-b) = 9.0°C/W at Tchannel (Tc) = 70°C as measured using infrared microscopy. Thermal Resistance
at backside temperature (Tb) = 25°C calculated from measured data.
Notes:
3. Small/Large -signal data measured in wafer form TA = 25°C.
4. 100% on-wafer RF test is done at frequency = 25, 30, and 38 GHz. Statistics based on 1500 part sample
5. Specifications are derived from measurements in a 50
Ω test environment. Aspects of the amplifier performance may be improved over a
more narrow bandwidth by application of additional conjugate, linearity, or power matching.
P-1dB at 38 GHz
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Id
Drain Supply Current (under any RF power drive and
temperature) (Vd=5.0V, Vg set for Id typical)
mA
480
600
Vg
Gate Supply Operating Voltage Id(Q) = 480mA
V
-0.75
-0.55
-0.4
Vp
Pinch-off voltage (Vdd=2.5V, Ids=20mA)
V
-2.5
-1.2
-0.9
θch-b
Thermal Resistance [2] Backside temperature, Tb=25°C
°C/W
8.2
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Maximum
Sigma
Gain
Small-signal Gain[4]
dB
18
0.28
P-1dB
Output Power at 1dB Gain Compression
dBm
22.5
24
0.20
P-3dB
Output Power at 3dB Gain Compression
dBm
25
0.17
OIP3
Third Order Intercept Point;
Df=100MHz;
Pin=-20dBm
dBm
32
0.8
RLin
Input Return Loss[4]
dB
-17
0.92
RLout
Output Return Loss[4]
dB
-13
0.63
Isolation
Min. Reverse Isolation
dB
-40
1.30
LSL
18
19
20
LSL
22.6 22.7 22.8 22.9 23 23.1 23.2 23.3 23.4
LSL
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com