Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85222-01 Datasheet (PDF) - Integrated Circuit Systems

ICS85222-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS85222-01
Download  ICS85222-01 Download
File Size   154.03 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DUAL LVCMOS / LVTTL-TO DIFFERENTIAL

ICS85222-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85222-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS85222-01
Download  ICS85222-01 Click to download

File Size   154.03 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DUAL LVCMOS / LVTTL-TO DIFFERENTIAL

ICS85222-01 Datasheet (HTML) - Integrated Circuit Systems


ICS85222-01 Product details

GENERAL DESCRIPTION
The ICS85222-01 is a Dual LVCMOS / LVTTL-to-Differential HSTL translator and a member of the HiPerClocks™ family of High Performance Clock Solutions from ICS. The ICS85222-01 has two single ended clock inputs. The single ended clock input accepts LVCMOS or LVTTL input levels and translates them to HSTL levels. The small outline 8-pin SOIC package makes this device ideal for applications where space, high performance and low power are important.

FEATURES
• Two differential HSTL outputs
• CLK0, CLK1 LVCMOS/LVTTL clock inputs
• CLK0 and CLK1 can accept the following input levels: LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 375ps (maximum)
• Propagation delay: 1075ps (maximum)
• V OH: 1.4V (maximum)
• Full 3.3V and 2.5V operating supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in both standard and lead-free RoHS-compliant packages




Similar Part No. - ICS85222-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS85222-02 IDT-ICS85222-02 Datasheet
227Kb / 12P
1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
More results


Similar Description - ICS85222-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
Dual 3.3V LVTTL/LVCMOS-to-Differential
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_09 Datasheet
47Kb / 5P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
logo
Integrated Device Techn...
85222 IDT-85222 Datasheet
152Kb / 13P
Dual LVCMOS / LVTTL-TO-Differential
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222 RENESAS-85222 Datasheet
358Kb / 14P
Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com