Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85222 Datasheet (PDF) - Renesas Technology Corp

85222 Datasheet PDF - Renesas Technology Corp
Part # 85222
Download  85222 Download
File Size   358.01 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator

85222 Datasheet (PDF)

Go To PDF Page Download Datasheet
85222 Datasheet PDF - Renesas Technology Corp

Part # 85222
Download  85222 Click to download

File Size   358.01 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator

85222 Datasheet (HTML) - Renesas Technology Corp


85222 Product details

FEATURES
• 2 differential LVHSTL outputs
• Selectable CLK0, CLK1 LVCMOS clock inputs
• CLK0 and CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 350ps (maximum)
• Propagation delay: 1.3ns (maximum)
• VOH: 1.2V (maximum)
• 3.3V and 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Lead-Free package fully RoHS compliant




Similar Part No. - 85222

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85222 IDT-85222 Datasheet
152Kb / 13P
Dual LVCMOS / LVTTL-TO-Differential
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
logo
Integrated Device Techn...
85222-02 IDT-85222-02 Datasheet
211Kb / 12P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
More results


Similar Description - 85222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Integrated Circuit Syst...
ICS85222 ICST-ICS85222 Datasheet
247Kb / 12P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL LVHSTL TRANSLATOR
REV. B MARCH 31, 2005
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
830S21I IDT-830S21I Datasheet
354Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com