Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85222 Datasheet (PDF) - Integrated Circuit Systems

ICS85222 Datasheet PDF - Integrated Circuit Systems
Part # ICS85222
Download  ICS85222 Download
File Size   247.58 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DUAL LVCMOS / LVTTL-TO DIFFERENTIAL LVHSTL TRANSLATOR

ICS85222 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85222 Datasheet PDF - Integrated Circuit Systems

Part # ICS85222
Download  ICS85222 Click to download

File Size   247.58 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DUAL LVCMOS / LVTTL-TO DIFFERENTIAL LVHSTL TRANSLATOR

ICS85222 Datasheet (HTML) - Integrated Circuit Systems


ICS85222 Product details

GENERAL DESCRIPTION
The ICS85222 is a Dual LVCMOS / LVTTL-to-Differential LVHSTL Translator and a member of the HiPerClocks™ family of High Performance Clock Solutions from ICS. The ICS85222 has two single ended clock inputs. The single ended clock input accepts LVCMOS or LVTTL input levels and translates them to LVHSTL levels. The small outline 8-pin SOIC package makes this device ideal for applications where space, high performance and low power are important. For optimum performance, both output pairs need to be terminated, even if one output pair is unused.

FEATURES
• 2 differential LVHSTL outputs
• Selectable CLK0, CLK1 LVCMOS clock inputs
• CLK0 and CLK1 can accept the following input levels: LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 350ps (maximum)
• Propagation delay: 1.3ns (maximum)
• VOH: 1.2V (maximum)
• 3.3V and 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Lead-Free package fully RoHS compliant




Similar Part No. - ICS85222

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-01 ICST-ICS85222-01 Datasheet
154Kb / 13P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
REV. A NOVEMBER 15, 2005
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS85222-02 IDT-ICS85222-02 Datasheet
227Kb / 12P
1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Circuit Syst...
ICS85222AM-01 ICST-ICS85222AM-01 Datasheet
154Kb / 13P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
REV. A NOVEMBER 15, 2005
ICS85222AM-01LF ICST-ICS85222AM-01LF Datasheet
154Kb / 13P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
REV. A NOVEMBER 15, 2005
More results


Similar Description - ICS85222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
830S21I IDT-830S21I Datasheet
354Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
85222 RENESAS-85222 Datasheet
358Kb / 14P
Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com