Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85222 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85222
Description  DUAL LVCMOS / LVTTL-TO DIFFERENTIAL LVHSTL TRANSLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85222 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85222 Datasheet HTML 1Page - Integrated Circuit Systems ICS85222 Datasheet HTML 2Page - Integrated Circuit Systems ICS85222 Datasheet HTML 3Page - Integrated Circuit Systems ICS85222 Datasheet HTML 4Page - Integrated Circuit Systems ICS85222 Datasheet HTML 5Page - Integrated Circuit Systems ICS85222 Datasheet HTML 6Page - Integrated Circuit Systems ICS85222 Datasheet HTML 7Page - Integrated Circuit Systems ICS85222 Datasheet HTML 8Page - Integrated Circuit Systems ICS85222 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
85222AM
www.icst.com/products/hiperclocks.html
REV. B MARCH 31, 2005
1
Integrated
Circuit
Systems, Inc.
ICS85222
DUAL LVCMOS / LVTTL-TO-
DIFFERENTIAL LVHSTL TRANSLATOR
GENERAL DESCRIPTION
The ICS85222 is a Dual LVCMOS / LVTTL-to-
Differential LVHSTL Translator and a member of
the HiPerClocks™ family of High Performance
Clock Solutions from ICS. The ICS85222 has two
single ended clock inputs. The single ended clock
input accepts LVCMOS or LVTTL input levels and translates
them to LVHSTL levels. The small outline 8-pin SOIC pack-
age makes this device ideal for applications where space,
high performance and low power are important. For optimum
performance, both output pairs need to be terminated, even if
one output pair is unused.
FEATURES
• 2 differential LVHSTL outputs
• Selectable CLK0, CLK1 LVCMOS clock inputs
• CLK0 and CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 350ps (maximum)
• Propagation delay: 1.3ns (maximum)
• V
OH: 1.2V (maximum)
• 3.3V and 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Lead-Free package fully RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS85222
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
Q0
nQ0
Q1
nQ1
CLK0
CLK1
HiPerClockS™
ICS
VDD
CLK0
CLK1
GND
8
7
6
5


Similar Part No. - ICS85222

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-01 ICST-ICS85222-01 Datasheet
154Kb / 13P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
REV. A NOVEMBER 15, 2005
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS85222-02 IDT-ICS85222-02 Datasheet
227Kb / 12P
1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Circuit Syst...
ICS85222AM-01 ICST-ICS85222AM-01 Datasheet
154Kb / 13P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
REV. A NOVEMBER 15, 2005
ICS85222AM-01LF ICST-ICS85222AM-01LF Datasheet
154Kb / 13P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
REV. A NOVEMBER 15, 2005
More results

Similar Description - ICS85222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
830S21I IDT-830S21I Datasheet
354Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
85222 RENESAS-85222 Datasheet
358Kb / 14P
Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com