Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS810-06 Datasheet (PDF) - Integrated Circuit Systems

ICS810-06 Datasheet PDF - Integrated Circuit Systems
Part # ICS810-06
Download  ICS810-06 Download
File Size   165.08 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCXO-TO-6 LVCMOS OUTPUTS

ICS810-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS810-06 Datasheet PDF - Integrated Circuit Systems

Part # ICS810-06
Download  ICS810-06 Click to download

File Size   165.08 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCXO-TO-6 LVCMOS OUTPUTS

ICS810-06 Datasheet (HTML) - Integrated Circuit Systems


ICS810-06 Product details

GENERAL DESCRIPTION
The ICS81006 is a high performance, low jitter/low phase noise VCXO and is a member of the HiPerClockS™ family of high performance clock solutions from ICS. The ICS81006 works in conjunction with a pullable crystal to generate an output clock over the range of 12MHz - 40MHz and has 6 LVCMOS outputs, effectively integrating a fanout buffer function.

FEATURES
• Six LVCMOS/LVTTL outputs, 20Ω nominal output impedance
• Output Q5 can be selected for ÷1 or ÷2 frequency relative to the crystal frequency
• Output frequency range: 12MHz to 40MHz
• Crystal pull range: ± 90ppm (typical)
• Synchronous output enable places outputs in High-Z state
• On-chip filter on VIN to suppress noise modulation of VCXO
• VDD/VDDO combinations
    3.3V/3.3V
    3.3V/2.5V
    3.3V/1.8V
    2.5V/2.5V
    2.5V/1.8V
• 4mm x 4mm 20 Lead VFQFN package is ideal for space constrained designs
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant packages




Similar Part No. - ICS810-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
More results


Similar Description - ICS810-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
CMOS/LVCMOS HF VCXO
logo
Integrated Device Techn...
ICS81006I IDT-ICS81006I Datasheet
678Kb / 14P
VCXO-TO-LVCMOS OUTPUTS
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
VCXO-TO-LVCMOS/LVTTL OUTPUT
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Nel Frequency Controls,...
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
CMOS/LVCMOS HF VCXO
logo
Integrated Device Techn...
8101925 IDT-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
81006 RENESAS-81006 Datasheet
595Kb / 19P
VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
81006I RENESAS-81006I Datasheet
500Kb / 19P
VCXO-To-6 LVCMOS Outputs
7/29/16
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com