Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS81006I Datasheet (PDF) - Integrated Device Technology

ICS81006I Datasheet PDF - Integrated Device Technology
Part # ICS81006I
Download  ICS81006I Download
File Size   678.9 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description VCXO-TO-LVCMOS OUTPUTS

ICS81006I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS81006I Datasheet PDF - Integrated Device Technology

Part # ICS81006I
Download  ICS81006I Click to download

File Size   678.9 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description VCXO-TO-LVCMOS OUTPUTS

ICS81006I Datasheet (HTML) - Integrated Device Technology


ICS81006I Product details

GENERAL DESCRIPTION
The ICS81006I is a high performance, low jitter/low phase noise VCXO and is a member of the HiPerClockS™ family of high performance clock solutions from IDT. The ICS81006I works in conjunction with a pullable crystal to generate an output clock over the range of 12MHz - 40MHz and has 6 LVCMOS outputs, effectively integrating a fanout buffer function.

FEATURES
• Six LVCMOS/LVTTL outputs, 20Ω nominal output impedance
• Output Q5 can be selected for ÷1 or ÷2 frequency relative to the crystal frequency
• Output frequency range: 12MHz to 40MHz
• Crystal pull range: ± 90ppm (typical)
• Synchronous output enable places outputs in High-Z state
• On-chip filter on VIN to suppress noise modulation of VCXO
• VDD/VDDO combinations
    3.3V/3.3V
    3.3V/2.5V
    3.3V/1.8V
    2.5V/2.5V
    2.5V/1.8V
• 4mm x 4mm 20 Lead VFQFN package is ideal for space constrained designs
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6) packages




Similar Part No. - ICS81006I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS81006AK ICST-ICS81006AK Datasheet
165Kb / 14P
VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKI ICST-ICS81006AKI Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKILF ICST-ICS81006AKILF Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKILFT ICST-ICS81006AKILFT Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKIT ICST-ICS81006AKIT Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
More results


Similar Description - ICS81006I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06 ICST-ICS810-06 Datasheet
165Kb / 14P
VCXO-TO-6 LVCMOS OUTPUTS
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
VCXO-TO-6 LVCMOS OUTPUTS
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
CMOS/LVCMOS HF VCXO
logo
Integrated Device Techn...
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
VCXO-TO-LVCMOS/LVTTL OUTPUT
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Nel Frequency Controls,...
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
CMOS/LVCMOS HF VCXO
logo
Integrated Device Techn...
8101925 IDT-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
81006 RENESAS-81006 Datasheet
595Kb / 19P
VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
81006I RENESAS-81006I Datasheet
500Kb / 19P
VCXO-To-6 LVCMOS Outputs
7/29/16
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com