Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

023AI Datasheet (PDF) - Integrated Circuit Systems

023AI Datasheet PDF - Integrated Circuit Systems
Part # 023AI
Download  023AI Download
File Size   196.25 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR

023AI Datasheet (PDF)

Go To PDF Page Download Datasheet
023AI Datasheet PDF - Integrated Circuit Systems

Part # 023AI
Download  023AI Click to download

File Size   196.25 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR

023AI Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - 023AI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
023 MICROSEMI-023 Datasheet
164Kb / 3P
Silicon Controlled Rectifier
logo
ITWSwitches
023 ITWSWITCHES-023 Datasheet
93Kb / 1P
SpectraDIL - 023 style SDS, SDC, SDD ranges
logo
Elma Electronic Ltd
023-2010 ELMA-023-2010 Datasheet
594Kb / 15P
Classic Collet Knobs and Accessories
023-2015 ELMA-023-2015 Datasheet
594Kb / 15P
Classic Collet Knobs and Accessories
023-2020 ELMA-023-2020 Datasheet
594Kb / 15P
Classic Collet Knobs and Accessories
More results


Similar Description - 023AI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006
ICS843011 ICST-ICS843011 Datasheet
235Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. B DECEMBER 10, 2004
ICS843011C ICST-ICS843011C Datasheet
164Kb / 11P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
ICS843021 ICST-ICS843021 Datasheet
189Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. C MARCH 31, 2005
ICS843021I-01 ICST-ICS843021I-01 Datasheet
219Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS843022 ICST-ICS843022 Datasheet
219Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
logo
Integrated Device Techn...
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021I-01 IDT-ICS843021I-01 Datasheet
704Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com