Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

023AI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 023AI
Description  FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

023AI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  023AI Datasheet HTML 1Page - Integrated Circuit Systems 023AI Datasheet HTML 2Page - Integrated Circuit Systems 023AI Datasheet HTML 3Page - Integrated Circuit Systems 023AI Datasheet HTML 4Page - Integrated Circuit Systems 023AI Datasheet HTML 5Page - Integrated Circuit Systems 023AI Datasheet HTML 6Page - Integrated Circuit Systems 023AI Datasheet HTML 7Page - Integrated Circuit Systems 023AI Datasheet HTML 8Page - Integrated Circuit Systems 023AI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
843023AGI
www.icst.com/products/hiperclocks.html
REV. A JUNE 29, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843023I
FEMTOCLOCKS™CRYSTAL-TO-3.3V, 2.5V
LVPECL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS843023I is a Gigabit Ethernet Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS.
The ICS843023I uses a 25MHz crystal to
synthesize 250MHz. The ICS843023I has
excellent phase jitter performance, over the 1.875MHz – 20MHz
integration range. The ICS843023I is packaged in a small
8-pin TSSOP, making it ideal for use in systems with
limited board space.
FEATURES
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequency range: 245MHz - 320MHz
• VCO range: 490MHz - 640MHz
• RMS phase jitter @ 250MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.39ps (typical)
Phase noise:
Offset
Noise Power
100Hz ............... -86.3 dBc/Hz
1kHz .............. -114.6 dBc/Hz
10kHz .............. -125.6 dBc/Hz
100kHz ................ -126 dBc/Hz
• 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant
HiPerClockS™
ICS
ICS843023I
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm package body
G Package
Top View
VCC
XTAL_OUT
XTAL_IN
VEE
1
2
3
4
Q
nQ
VCC
OE
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
OSC
Phase
Detector
VCO
÷2
(fixed)
÷20
(fixed)
XTAL_IN
XTAL_OUT
Q
nQ
25MHz
OE


Similar Part No. - 023AI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
023 MICROSEMI-023 Datasheet
164Kb / 3P
Silicon Controlled Rectifier
logo
ITWSwitches
023 ITWSWITCHES-023 Datasheet
93Kb / 1P
SpectraDIL - 023 style SDS, SDC, SDD ranges
logo
Elma Electronic Ltd
023-2010 ELMA-023-2010 Datasheet
594Kb / 15P
Classic Collet Knobs and Accessories
023-2015 ELMA-023-2015 Datasheet
594Kb / 15P
Classic Collet Knobs and Accessories
023-2020 ELMA-023-2020 Datasheet
594Kb / 15P
Classic Collet Knobs and Accessories
More results

Similar Description - 023AI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006
ICS843011 ICST-ICS843011 Datasheet
235Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. B DECEMBER 10, 2004
ICS843011C ICST-ICS843011C Datasheet
164Kb / 11P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
ICS843021 ICST-ICS843021 Datasheet
189Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. C MARCH 31, 2005
ICS843021I-01 ICST-ICS843021I-01 Datasheet
219Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V 125MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS843022 ICST-ICS843022 Datasheet
219Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
logo
Integrated Device Techn...
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843021I-01 IDT-ICS843021I-01 Datasheet
704Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com