Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN6545 Datasheet (PDF) - Panasonic Semiconductor

AN6545 Datasheet PDF - Panasonic Semiconductor
Part # AN6545
Download  AN6545 Download
File Size   27.78 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low Power Loss Voltage Regulators

AN6545 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6545 Datasheet PDF - Panasonic Semiconductor

Part # AN6545
Download  AN6545 Click to download

File Size   27.78 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low Power Loss Voltage Regulators

AN6545 Datasheet (HTML) - Panasonic Semiconductor


AN6545 Product details

■ Overview
The AN6545 and AN6545SP are the voltage regulators with strobe pin which can turn on/off an output.
A rated load current is 150mA and an output voltage is fixed at 5V.

■ Features
• 150mA rated load current and 5V fixed output voltage
• Capable of turning off an output by setting the strobe
   pin to the “L” level
• Minimum input/output voltage difference:typ. 0.25V
• Built-in overcurrent protective circuit
• TO-126 (4-lead) package for the AN6545, and surface
   mount type 5-pin SIL plastic package for the AN6545SP




Similar Part No. - AN6545

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN654 MAXIM-AN654 Datasheet
249Kb / 8P
New RS-232 ICs Feature 1uA Supply Current, 15kV ESD Protection, and 3V Operation
Mar 31, 2000
logo
Panasonic Semiconductor
AN6540 PANASONIC-AN6540 Datasheet
27Kb / 3P
4-pin Voltage Regulator with Adjustable Rise Time
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
3-pin Positive Voltage Regulator
More results


Similar Description - AN6545

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
Low Power-Loss Voltage Regulators
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
Low Power-Loss Voltage Regulators
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com