Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN6540 Datasheet (PDF) - Panasonic Semiconductor

AN6540 Datasheet PDF - Panasonic Semiconductor
Part # AN6540
Download  AN6540 Download
File Size   27.87 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4-pin Voltage Regulator with Adjustable Rise Time

AN6540 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6540 Datasheet PDF - Panasonic Semiconductor

Part # AN6540
Download  AN6540 Click to download

File Size   27.87 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4-pin Voltage Regulator with Adjustable Rise Time

AN6540 Datasheet (HTML) - Panasonic Semiconductor


AN6540 Product details

■ Overview

The AN6540 is an integrated circuit designed for a 4-pin voltage regulator with adjustable rise time. An external capacitor allows any setting of output voltage rise time and noise reduction at power on, and are best suited for

power circuits with current capacitance up to 240mA. It can be used up to the minimum input/output voltage dif

ference 0.3V(typ.).



■ Features

• Low dropout voltage:0.3V(typ.)

• Control of output voltage rise time

• Internal short-circuit protection

• Low temperature coefficient of output voltage




Similar Part No. - AN6540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN654 MAXIM-AN654 Datasheet
249Kb / 8P
New RS-232 ICs Feature 1uA Supply Current, 15kV ESD Protection, and 3V Operation
Mar 31, 2000
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
3-pin Positive Voltage Regulator
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
Low Power Loss Voltage Regulators
AN6545SP PANASONIC-AN6545SP Datasheet
27Kb / 3P
Low Power Loss Voltage Regulators
More results


Similar Description - AN6540

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6535 PANASONIC-AN6535 Datasheet
37Kb / 4P
4-pin Negative Adjustable Voltage Regulator
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
Voltage Detector with Delay Time Adjustable
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
logo
Texas Instruments
TPS22958 TI1-TPS22958 Datasheet
1Mb / 36P
5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
logo
Will Semiconductor Ltd.
WS4665 WILLSEMI-WS4665 Datasheet
701Kb / 15P
6A, 14m廓Load Switch with Quick Output Discharge and Adjustable Rise Time
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA39416 TI-TCA39416 Datasheet
993Kb / 25P
TCA39416 Ultra-Low-Voltage I3C Translator with Rise Time Accelerators
DECEMBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
Voltage Detector with Adjustable Delay Time
5/10/2017
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com