Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN6557 Datasheet (PDF) - Panasonic Semiconductor

AN6557 Datasheet PDF - Panasonic Semiconductor
Part # AN6557
Download  AN6557 Download
File Size   33.98 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Low Noise, High Slew Rate Operational Amplifiers

AN6557 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6557 Datasheet PDF - Panasonic Semiconductor

Part # AN6557
Download  AN6557 Click to download

File Size   33.98 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Low Noise, High Slew Rate Operational Amplifiers

AN6557 Datasheet (HTML) - Panasonic Semiconductor


AN6557 Product details

■ Overview

The AN6557, the AN6558, and the AN6558S are low noise, high slew rate dual operational amplifiers with phase compensation circuits built-in. They are suitable for application to various electronic circuits such as ac tive filters and audio preamplifiers. Moreover, they are high output current type and can also be used as head phone amplifiers.



■ Features

• Phase compensation circuit

• High voltage gain:GV=100dB typ.

• Low noise:Vni=0.9µ Vrms typ.

• High slew rate:SR=6V/µ s typ.

• High output current:IO=25mA typ.



 




Similar Part No. - AN6557

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6550 PANASONIC-AN6550 Datasheet
46Kb / 4P
Dual Operational Amplifier
AN6551 PANASONIC-AN6551 Datasheet
39Kb / 4P
Dual Operational Amplifier
logo
List of Unclassifed Man...
AN6551 ETC2-AN6551 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN6552 PANASONIC-AN6552 Datasheet
39Kb / 3P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AN6552 ETC2-AN6552 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN6557

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Rohm
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
Dual high slew rate, low noise operational amplifier
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
Dual high slew rate, low noise operational amplifier
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
Dual high slew rate operational amplifier
logo
Texas Instruments
TL3474 TI-TL3474 Datasheet
359Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
logo
Shenzhen Huazhimei Semi...
HM721 HMSEMI-HM721 Datasheet
2Mb / 13P
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com