Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA15532 Datasheet (PDF) - Rohm

BA15532 Datasheet PDF - Rohm
Part # BA15532
Download  BA15532 Download
File Size   56.95 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Dual high slew rate, low noise operational amplifier

BA15532 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA15532 Datasheet PDF - Rohm

Part # BA15532
Download  BA15532 Click to download

File Size   56.95 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Dual high slew rate, low noise operational amplifier

BA15532 Datasheet (HTML) - Rohm


BA15532 Product details

Description
General-purpose BA4558 / BA4560 / BA15218 / BA14741 / BA15532 / BA4510 family and high-reliability BA4558R / BA4560R / BA4564R / BA4580R / BA4584 / BA4584R / BA8522R / BA2115 family integrate two or four independent Op-Amps on a single chip Especially, this series is suitable for any audio applications due to low noise and low distortion characteristics and are usable for other many applications by wide operating supply voltage range.
BA4558R / BA4560R / BA4564R / BA4580R / BA4584R / BA8522R / BA2115 are high-reliability products with extended operating temperature range and high ESD tolerance.

Features
1) High voltage gain, low noise, low distortion
2) Wide operating supply voltage
    ±4.0[V]~ ±15.0[V]( split supply)
        (BA4560/BA4558/ BA4558R/BA4560R/ BA4564R family)
    ±2.0[V]~ ±16.0[V]( split supply)
        (BA4580R/ BA4584/BA8522R/BA15218 family)
    ±2.0[V]~ ±8.5[V]( split supply)(BA4584R family)
    ±2.0[V]~ ±18.0[V]( split supply)(BA14741 family)
    ±3.0[V]~ ±20.0[V]( split supply)(BA15532 family)
    ±1.0[V]~ ±3.5[V]( split supply)(BA4510 family)
    ±1.0[V]~ ±7.0[V]( split supply)(BA2115 family)
3) Internal phase compensation
4) No latch up immunity
5) Internal ESD protection
    Human body mode (HBM) ±5000[V](Typ.)
        (BA4558R/BA4560R/BA4564R/BA4580R/BA4584/
    BA4584R/BA8522R/BA2115 family)
6) Wide temperature range
    -40[℃ ]~ +85[℃ ] (BA4558/BA4560/BA4584/BA15218/BA14741/ BA2115 family)
    -40[℃ ]~ +105[℃ ] (BA4558R/BA4560R/BA4564R/BA4580R/BA4584R/ BA8522R family)




Similar Part No. - BA15532

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15532F ROHM-BA15532F Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA15532F ROHM-BA15532F Datasheet
1Mb / 49P
Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA15532F ROHM-BA15532F Datasheet
571Kb / 22P
Low Noise Operational Amplifier
BA15532F ROHM-BA15532F Datasheet
952Kb / 50P
Low Noise Operational Amplifiers
More results


Similar Description - BA15532

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6557 PANASONIC-AN6557 Datasheet
33Kb / 3P
Dual Low Noise, High Slew Rate Operational Amplifiers
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Rohm
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
Dual high slew rate, low noise operational amplifier
BA4510F ROHM-BA4510F Datasheet
43Kb / 4P
Dual high slew rate operational amplifier
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
Dual high slew rate operational amplifier
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
June 1998
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com