Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC2045E6 Datasheet (PDF) - Zetex Semiconductors

ZXTC2045E6 Datasheet PDF - Zetex Semiconductors
Part # ZXTC2045E6
Download  ZXTC2045E6 Download
File Size   108.12 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Dual 40V complementary transistors in SOT23-6

ZXTC2045E6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTC2045E6 Datasheet PDF - Zetex Semiconductors

Part # ZXTC2045E6
Download  ZXTC2045E6 Click to download

File Size   108.12 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Dual 40V complementary transistors in SOT23-6

ZXTC2045E6 Datasheet (HTML) - Zetex Semiconductors


ZXTC2045E6 Product details

Features
• 40V complementary device
• Up to 5 amps peak current
• High hFE
• SOT236 package

Applications
• MOSFET and IGBT gate driving




Similar Part No. - ZXTC2045E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC2045E6 DIODES-ZXTC2045E6 Datasheet
115Kb / 4P
Dual 40V complementary transistors in SOT23-6
JANUARY 2006
ZXTC2045E6TA DIODES-ZXTC2045E6TA Datasheet
115Kb / 4P
Dual 40V complementary transistors in SOT23-6
JANUARY 2006
ZXTC2045E6TC DIODES-ZXTC2045E6TC Datasheet
115Kb / 4P
Dual 40V complementary transistors in SOT23-6
JANUARY 2006
ZXTC2045E6 DIODES-ZXTC2045E6_15 Datasheet
208Kb / 6P
30V COMPLEMENTARY MEDIUM POWER TRANSISTOR IN SOT26
Rev 3
More results


Similar Description - ZXTC2045E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTC2061E6 ZETEX-ZXTC2061E6 Datasheet
733Kb / 8P
12V, SOT23-6, complementary medium power transistors
ZXTC2062E6 ZETEX-ZXTC2062E6 Datasheet
494Kb / 8P
20V, SOT23-6, complementary medium power transistors
ZXTC2063E6 ZETEX-ZXTC2063E6 Datasheet
601Kb / 8P
40V, SOT23-6, complementary medium power transistors
ZXTC2061E6 ZETEX-ZXTC2061E6_08 Datasheet
449Kb / 8P
12V, SOT23-6, complementary medium power transistors
ZXTC2063E6 ZETEX-ZXTC2063E6_08 Datasheet
520Kb / 8P
40V, SOT23-6, complementary medium power transistors
logo
Diodes Incorporated
ZXTC2045E6 DIODES-ZXTC2045E6 Datasheet
115Kb / 4P
Dual 40V complementary transistors in SOT23-6
JANUARY 2006
ZXTC2061E6 DIODES-ZXTC2061E6 Datasheet
744Kb / 8P
12V, SOT23-6, complementary medium power transistors
NOVEMBER 2007
ZXTC2062E6 DIODES-ZXTC2062E6 Datasheet
505Kb / 8P
20V, SOT23-6, complementary medium power transistors
OCTOBER 2007
ZXTC2063E6 DIODES-ZXTC2063E6 Datasheet
613Kb / 8P
40V, SOT23-6, complementary medium power transistors
OCTOBER 2007
logo
Jiangsu Changjiang Elec...
CJ2045 JIANGSU-CJ2045 Datasheet
830Kb / 6P
Dual 40V complementary transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com