Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC2063E6 Datasheet (PDF) - Diodes Incorporated

ZXTC2063E6 Datasheet PDF - Diodes Incorporated
Part # ZXTC2063E6
Download  ZXTC2063E6 Download
File Size   613.19 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT23-6, complementary medium power transistors

ZXTC2063E6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTC2063E6 Datasheet PDF - Diodes Incorporated

Part # ZXTC2063E6
Download  ZXTC2063E6 Click to download

File Size   613.19 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT23-6, complementary medium power transistors

ZXTC2063E6 Datasheet (HTML) - Diodes Incorporated


ZXTC2063E6 Product details

Description
Advanced process capability is used to achieve this high performance device. Combining NPN and PNP transistors in the SOT26 package provides a compact solution for the intended applications.

Features
• NPN + PNP Combination
• BVCEO > 40 (-40)V
• BVECO > 6 (-3)V
• ICM = 9 (-9)A Peak Pulse Current
• VCE(sat) < 60 (-90)mV @ 1A
• RCE(sat) = 38 (58)mΩ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• MOSFET and IGBT Gate Driving
• Motor Drive




Similar Part No. - ZXTC2063E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTC2063E6 ZETEX-ZXTC2063E6 Datasheet
601Kb / 8P
40V, SOT23-6, complementary medium power transistors
ZXTC2063E6 ZETEX-ZXTC2063E6 Datasheet
520Kb / 8P
40V, SOT23-6, complementary medium power transistors
ZXTC2063E6TA ZETEX-ZXTC2063E6TA Datasheet
601Kb / 8P
40V, SOT23-6, complementary medium power transistors
ZXTC2063E6TA ZETEX-ZXTC2063E6TA Datasheet
520Kb / 8P
40V, SOT23-6, complementary medium power transistors
ZXTC2063E6 ZETEX-ZXTC2063E6_08 Datasheet
520Kb / 8P
40V, SOT23-6, complementary medium power transistors
More results


Similar Description - ZXTC2063E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTC2045E6 ZETEX-ZXTC2045E6 Datasheet
108Kb / 4P
Dual 40V complementary transistors in SOT23-6
ZXTC2061E6 ZETEX-ZXTC2061E6 Datasheet
733Kb / 8P
12V, SOT23-6, complementary medium power transistors
ZXTC2062E6 ZETEX-ZXTC2062E6 Datasheet
494Kb / 8P
20V, SOT23-6, complementary medium power transistors
ZXTC2063E6 ZETEX-ZXTC2063E6 Datasheet
601Kb / 8P
40V, SOT23-6, complementary medium power transistors
ZXTC2061E6 ZETEX-ZXTC2061E6_08 Datasheet
449Kb / 8P
12V, SOT23-6, complementary medium power transistors
ZXTC2062E6 ZETEX-ZXTC2062E6_08 Datasheet
352Kb / 8P
20V, SOT23-6, complementary medium power transistors
ZXTC2063E6 ZETEX-ZXTC2063E6_08 Datasheet
520Kb / 8P
40V, SOT23-6, complementary medium power transistors
logo
Diodes Incorporated
ZXTC2045E6 DIODES-ZXTC2045E6 Datasheet
115Kb / 4P
Dual 40V complementary transistors in SOT23-6
JANUARY 2006
ZXTC2061E6 DIODES-ZXTC2061E6 Datasheet
744Kb / 8P
12V, SOT23-6, complementary medium power transistors
NOVEMBER 2007
ZXTC2062E6 DIODES-ZXTC2062E6 Datasheet
505Kb / 8P
20V, SOT23-6, complementary medium power transistors
OCTOBER 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com