Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90CAN32 Datasheet (PDF) - ATMEL Corporation

AT90CAN32 Datasheet PDF - ATMEL Corporation
Part # AT90CAN32
Download  AT90CAN32 Download
File Size   518.09 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller

AT90CAN32 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90CAN32 Datasheet PDF - ATMEL Corporation

Part # AT90CAN32
Download  AT90CAN32 Click to download

File Size   518.09 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller

AT90CAN32 Datasheet (HTML) - ATMEL Corporation


AT90CAN32 Product details

Description
The AT90CAN32/64/128 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90CAN32/64/128 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
   – 133 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers + Peripheral Control Registers
   – Fully Static Operation
   – Up to 16 MIPS Throughput at 16 MHz
   – On-chip 2-cycle Multiplier
• Non volatile Program and Data Memories
   – 32K/64K/128K Bytes of In-System Reprogrammable Flash (AT90CAN32/64/128)
      • Endurance: 10,000 Write/Erase Cycles
   – Optional Boot Code Section with Independent Lock Bits
      • Selectable Boot Size: 1K Bytes, 2K Bytes, 4K Bytes or 8K Bytes
      • In-System Programming by On-Chip Boot Program (CAN, UART, ...)
      • True Read-While-Write Operation
   – 1K/2K/4K Bytes EEPROM (Endurance: 100,000 Write/Erase Cycles) (AT90CAN32/64/128)
   – 2K/4K/4K Bytes Internal SRAM (AT90CAN32/64/128)
   – Up to 64K Bytes Optional External Memory Space
   – Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 Compliant) Interface
   – Boundary-scan Capabilities According to the JTAG Standard
   – Programming Flash (Hardware ISP), EEPROM, Lock & Fuse Bits
   – Extensive On-chip Debug Support
• CAN Controller 2.0A & 2.0B - ISO 16845 Certified (1)
   – 15 Full Message Objects with Separate Identifier Tags and Masks
   – Transmit, Receive, Automatic Reply and Frame Buffer Receive Modes
   – 1Mbits/s Maximum Transfer Rate at 8 MHz
   – Time stamping, TTC & Listening Mode (Spying or Autobaud)
• Peripheral Features
   – Programmable Watchdog Timer with On-chip Oscillator
   – 8-bit Synchronous Timer/Counter-0
      • 10-bit Prescaler
      • External Event Counter
      • Output Compare or 8-bit PWM Output
   – 8-bit Asynchronous Timer/Counter-2
      • 10-bit Prescaler
      • External Event Counter
      • Output Compare or 8-Bit PWM Output
      • 32Khz Oscillator for RTC Operation
   – Dual 16-bit Synchronous Timer/Counters-1 & 3
      • 10-bit Prescaler
      • Input Capture with Noise Canceler
      • External Event Counter
      • 3-Output Compare or 16-Bit PWM Output
      • Output Compare Modulation
   – 8-channel, 10-bit SAR ADC
      • 8 Single-ended Channels
      • 7 Differential Channels
      • 2 Differential Channels With Programmable Gain at 1x, 10x, or 200x
   – On-chip Analog Comparator
   – Byte-oriented Two-wire Serial Interface
   – Dual Programmable Serial USART
   – Master/Slave SPI Serial Interface
      • Programming Flash (Hardware ISP)
• Special Microcontroller Features
   – Power-on Reset and Programmable Brown-out Detection
   – Internal Calibrated RC Oscillator
   – 8 External Interrupt Sources
   – 5 Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down & Standby
   – Software Selectable Clock Frequency
   – Global Pull-up Disable
• I/O and Packages
   – 53 Programmable I/O Lines
   – 64-lead TQFP and 64-lead QFN
• Operating Voltages: 2.7 - 5.5V
• Operating temperature: Industrial (-40°C to +85°C)
• Maximum Frequency: 8 MHz at 2.7V, 16 MHz at 4.5V




Similar Part No. - AT90CAN32

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32 ATMEL-AT90CAN32 Datasheet
273Kb / 16P
Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32 ATMEL-AT90CAN32 Datasheet
5Mb / 431P
8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32 ATMEL-AT90CAN32 Datasheet
5Mb / 428P
Non volatile Program and Data Memories
AT90CAN32 ATMEL-AT90CAN32 Datasheet
1Mb / 6P
Automotive and Transportation Systems
AT90CAN32 ATMEL-AT90CAN32 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
More results


Similar Description - AT90CAN32

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
MEGA128CAN ATMEL-MEGA128CAN Datasheet
5Mb / 413P
Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4_14 Datasheet
7Mb / 28P
8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com