Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90CAN32 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90CAN32
Description  Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN32 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90CAN32 Datasheet HTML 1Page - ATMEL Corporation AT90CAN32 Datasheet HTML 2Page - ATMEL Corporation AT90CAN32 Datasheet HTML 3Page - ATMEL Corporation AT90CAN32 Datasheet HTML 4Page - ATMEL Corporation AT90CAN32 Datasheet HTML 5Page - ATMEL Corporation AT90CAN32 Datasheet HTML 6Page - ATMEL Corporation AT90CAN32 Datasheet HTML 7Page - ATMEL Corporation AT90CAN32 Datasheet HTML 8Page - ATMEL Corporation AT90CAN32 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
7538AS
–CAN–09/05
AT90CAN32/64
2.
Description
2.1
Comparison Between AT90CAN32/64 and AT90CAN128
AT90CAN32/64 is hardware and software compatible with AT90CAN128, the only difference is
the memory size.
2.2
Part Desription
The AT90CAN32/64 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced
RIS C architecture. By executing pow erful instructions in a single clock cycle, the
AT90CAN32/64 achieves throughputs approaching 1 MIPS per MHz allowing the system
designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All 32
registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The AT90CAN32/64 provides the following features: 32K/64K bytes of In-System Programmable
Flash with Read-While-Write capabilities, 1K/2K bytes EEPROM, 2K/4K bytes SRAM, 53 gen-
eral purpose I/O lines, 32 general purpose working registers, a CAN controller, Real Time
Counter (RTC), four flexible Timer/Counters with compare modes and PWM, 2 USARTs, a byte
oriented Two-wire Serial Interface, an 8-channel 10-bit ADC with optional differential input stage
with programmable gain, a programmable Watchdog Timer with Internal Oscillator, an SPI serial
port, IEEE std. 1149.1 compliant JTAG test interface, also used for accessing the On-chip
Debug system and programming and five software selectable power saving modes.
The Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI/CAN ports and
interrupt system to continue functioning. The Power-down mode saves the register contents but
freezes the Oscillator, disabling all other chip functions until the next interrupt or Hardware
Reset. In Power-save mode, the asynchronous timer continues to run, allowing the user to main-
tain a timer base while the rest of the device is sleeping. The ADC Noise Reduction mode stops
the CPU and all I/O modules except Asynchronous Timer and ADC, to minimize switching noise
during ADC conversions. In Standby mode, the Crystal/Resonator Oscillator is running while the
rest of the device is sleeping. This allows very fast start-up combined with low power
consumption.
The device is manufactured using Atmel
’s high-density nonvolatile memory technology. The On-
chip ISP Flash allows the program memory to be reprogrammed in-system through an SPI serial
interface, by a conventional nonvolatile memory programmer, or by an On-chip Boot program
running on the AVR core. The boot program can use any interface to download the application
program in the application Flash memory. Software in the Boot Flash section will continue to run
while the Application Flash section is updated, providing true Read-While-Write operation. By
combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip,
Table 2-1.
Memory Size Summary
Device
Flash
EEPROM
RAM
AT90CAN32
32K Bytes
1K Byte
2K Bytes
AT90CAN64
64K Bytes
2K Bytes
4K Bytes
AT90CAN128
128K Bytes
4K Byte
4K Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com