Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN7135 Datasheet (PDF) - Panasonic Semiconductor

AN7135 Datasheet PDF - Panasonic Semiconductor
Part # AN7135
Download  AN7135 Download
File Size   60.97 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 7.5W Low Frequency Power Amplifier Circuit

AN7135 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7135 Datasheet PDF - Panasonic Semiconductor

Part # AN7135
Download  AN7135 Click to download

File Size   60.97 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 7.5W Low Frequency Power Amplifier Circuit

AN7135 Datasheet (HTML) - Panasonic Semiconductor


AN7135 Product details

Dual 7.5W Low Frequency Power Amplifier Circuit



■Overview

The AN7135 is a power amplifier circuit of 7.5W (15.0V, 3Ω) output. It can provide stereo operation since two amplifiers are incorporated in a chip. Static circuit current is very smaller than conventional IC for power amplifier, and various protective circuits are incorporated, thus providing high reliability. For its feature of very small static circuit current, it is best suitable for dry cell operating sets (e.g. radio cassette recorder). It requires smaller number of external components because it has little distortion and low noise and can support the stand-by condition.



■Features

• Small static circuit current

• Stand-by condition supported

• Good oscillation stability

• Little unwanted radiation to RF portion of AM/FM

• Little distortion

• Low noise

• Small shock noise at power ON/OFF, stand-by ON/OFF

• Fewer external components

 




Similar Part No. - AN7135

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7135 ETC2-AN7135 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN7135

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7155 NTE-NTE7155 Datasheet
33Kb / 3P
Integrated Circuit Dual Low-Voltage Power Amplifier
NTE7157 NTE-NTE7157 Datasheet
28Kb / 2P
Integrated Circuit Low Frequency Power Amplifier
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
Integrated Circuit Low Power Dual Operational Amplifier
NTE928M NTE-NTE928M Datasheet
29Kb / 3P
Integrated Circuit Low Power Dual Operational Amplifier
NTE928S NTE-NTE928S Datasheet
27Kb / 3P
Integrated Circuit Low Power Dual Operational Amplifier
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
DUAL 7.5W AUDIO POWER AMPLIFIER
AN7158N PANASONIC-AN7158N Datasheet
89Kb / 4P
Dual 7.5W Audio Power Amplifier Circuit
logo
KEC(Korea Electronics)
KIA8207K KEC-KIA8207K Datasheet
205Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW FREQUENCY POWER AMPLIFIER)
logo
Unisonic Technologies
UA1029 UTC-UA1029 Datasheet
131Kb / 7P
LOW FREQUENCY POWER AMPLIFIER
logo
NTE Electronics
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com