Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN7158N Datasheet (PDF) - Panasonic Semiconductor

AN7158N Datasheet PDF - Panasonic Semiconductor
Part # AN7158N
Download  AN7158N Download
File Size   89.65 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 7.5W Audio Power Amplifier Circuit

AN7158N Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7158N Datasheet PDF - Panasonic Semiconductor

Part # AN7158N
Download  AN7158N Click to download

File Size   89.65 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 7.5W Audio Power Amplifier Circuit

AN7158N Datasheet (HTML) - Panasonic Semiconductor


AN7158N Product details

■ Overview

The AN7158N is an integrated circuit designed for power amplifier of 7.5W (16V, 4Ω) output with low noise and low distortion, and it suits TV set with multi-sound. Stereo operation is enabled due to incorporating two amplifiers on one chip. 12-pin SIL package enabled compact and high-densely mounted set.



■ Features

• Incorporating protection circuits (surge, thermal protection and etc.)

• Automatic operating point stabilizer circuit

• Low distortion, low 1/f noise

• Low shock noise from power ON/OFF operation

• Better channel separation

• Fewer external components




Similar Part No. - AN7158N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7158 ETC2-AN7158 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN7158N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
Integrated Circuit Dual Audio Power Amplifier
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
DUAL 7.5W AUDIO POWER AMPLIFIER
AN7135 PANASONIC-AN7135 Datasheet
60Kb / 4P
Dual 7.5W Low Frequency Power Amplifier Circuit
AN7147N PANASONIC-AN7147N Datasheet
55Kb / 4P
Dual 5.3W Audio Power Amplifier Circuit
AN7148 PANASONIC-AN7148 Datasheet
48Kb / 4P
Dual 2.1W Audio Power Amplifier Circuit
AN7149N PANASONIC-AN7149N Datasheet
46Kb / 3P
Dual 5.3W Audio Power Amplifier Circuit
AN7168 PANASONIC-AN7168 Datasheet
45Kb / 3P
Dual 5.8W Audio Power Amplifier Circuit
AN7169 PANASONIC-AN7169 Datasheet
55Kb / 4P
Dual 5.8W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
logo
Shenzhen Huazhimei Semi...
HM8878 HMSEMI-HM8878 Datasheet
783Kb / 9P
7.5W single channel class F audio power amplifier
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com