Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1352 Datasheet (PDF) - ams AG

AS1352 Datasheet PDF - ams AG
Part # AS1352
Download  AS1352 Download
File Size   160.52 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Programmable Quad LDO

AS1352 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1352 Datasheet PDF - ams AG

Part # AS1352
Download  AS1352 Click to download

File Size   160.52 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Programmable Quad LDO

AS1352 Datasheet (HTML) - ams AG


AS1352 Product details

General Description

The AS1352 is a high-performance quad CMOS low dropout voltage regulator in a single QFN package. The efficient set of programmable power supplies is optimized to deliver the best compromise between quiescent current and regulator performance for mobile phones, PDAs, MP3 players, and other battery powered devices.



Key Features

4 Independent Voltage Regulators with Shutdown

Output Current: 200mA each LDO

One Time Programmable Output Voltage (User- or Factory-Trimmed)

Programmable Output Voltage Range: 1.8 to 3.3V in 0.1V Steps

Accuracy: ±2%

PSRR: 70dB at 1kHz, 40dB at 100kHz

Line Regulation: ±2mV

Load Regulation: ±0.6mV

Supply Range: 3 to 5.5V

0.2V Dropout Voltage @ I = 200mA

Shutdown Current: ≤1µA

Supply Current Without Load: 225µA

Softstart for Low Inrush Current

Stable with Low ESR Ceramic Capacitors from 1 to 4.7µF

Low Noise: 40µV rms @10Hz to 100kHz Bandwidth

Thermal Protection

Over-Current Protection

Temperature Range: -40 to +85°C

Package Types

- 12-pin QFN 4x4

- 16-pin QFN 3x3



Applications

The AS1352 is ideal for cordless and mobile phones, MP3 players, CD and DVD players, PDAs, handheld computers, digital cameras, and any other hand-held battery-powered device.




Similar Part No. - AS1352

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
307Kb / 10P
Programmable Quad LDO
AS1352-7BC0-T AMSCO-AS1352-7BC0-T Datasheet
307Kb / 10P
Programmable Quad LDO
AS1352-C0CF-T AMSCO-AS1352-C0CF-T Datasheet
307Kb / 10P
Programmable Quad LDO
AS1352-T AMSCO-AS1352-T Datasheet
307Kb / 10P
Programmable Quad LDO
AS1352V-T AMSCO-AS1352V-T Datasheet
307Kb / 10P
Programmable Quad LDO
More results


Similar Description - AS1352

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1351 AMSCO-AS1351 Datasheet
160Kb / 2P
Programmable Dual LDO
AS1357 AMSCO-AS1357 Datasheet
160Kb / 2P
Programmable Triple LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
ams AG
AS1351 AMSCO-AS1351_1 Datasheet
275Kb / 10P
Programmable Dual LDO
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
Programmable Quad LDO
AS1357 AMSCO-AS1357_1 Datasheet
299Kb / 10P
Programmable Triple LDO
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
Programmable Quad Equalizer
logo
ELMOS Semiconductor AG
E522.51 ELMOS-E522.51 Datasheet
260Kb / 2P
Dual Buck - Quad LDO
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com