Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1351 Datasheet (PDF) - ams AG

AS1351 Datasheet PDF - ams AG
Part # AS1351
Download  AS1351 Download
File Size   160.12 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Programmable Dual LDO

AS1351 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1351 Datasheet PDF - ams AG

Part # AS1351
Download  AS1351 Click to download

File Size   160.12 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Programmable Dual LDO

AS1351 Datasheet (HTML) - ams AG


AS1351 Product details

General Description
The AS1351 is a high-performance dual CMOS lowdropout voltage regulator in a single 3x3mm package. The efficient set of programmable power supplies is optimized to deliver the best compromise between quiescent current and regulator performance for mobile phones, PDAs, MP3 players, and other battery powered devices.

Key Features
■ 2 Independent Voltage Regulators with Shutdown
■ Output Current: 200mA each LDO
■ One Time Programmable Output Voltage (User- or Factory-Trimmed)
■ Programmable Output Voltage Range: 1.8 to 3.3V in 0.1V Steps
■ Accuracy: ±1.5%
■ PSRR: 70dB at 1kHz, 40dB at 100kHz
■ Line Regulation: ±2mV
■ Load Regulation: ±0.6mV
■ Supply Range: 3 to 5.5V
■ 0.2V Dropout Voltage @ I = 200mA
■ Shutdown Current: ≤1µA
■ Supply Current Without Load: 125µA (typ)
■ Softstart for Low Inrush Current
■ Stable with low ESR Ceramic Capacitors from 1 to 4.7µF
■ Low Noise: 40µV rms @10Hz to 100kHz Bandwidth
■ Thermal Protection
■ Over-Current Protection
■ Temperature Range: -40 to +85°C
■ 12-pin QFN 3x3mm Package

Applications
   The AS1351 is ideal for cordless and mobile phones, MP3 players, CD and DVD players, PDAs, handheld computers, digital cameras, and any other hand-held battery-powered device.




Similar Part No. - AS1351

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1351 AMSCO-AS1351 Datasheet
275Kb / 10P
Programmable Dual LDO
AS1351 AMSCO-AS1351_1 Datasheet
275Kb / 10P
Programmable Dual LDO
More results


Similar Description - AS1351

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
Programmable Quad LDO
AS1357 AMSCO-AS1357 Datasheet
160Kb / 2P
Programmable Triple LDO
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
logo
ams AG
AS1351 AMSCO-AS1351_1 Datasheet
275Kb / 10P
Programmable Dual LDO
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
Programmable Quad LDO
AS1357 AMSCO-AS1357_1 Datasheet
299Kb / 10P
Programmable Triple LDO
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com