Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452 Datasheet (PDF) - Semtech Corporation

SC1452 Datasheet PDF - Semtech Corporation
Part # SC1452
Download  SC1452 Download
File Size   116.94 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET

SC1452 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1452 Datasheet PDF - Semtech Corporation

Part # SC1452
Download  SC1452 Click to download

File Size   116.94 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET

SC1452 Datasheet (HTML) - Semtech Corporation


SC1452 Product details

Description
The SC1452 is a state of the art device intended to provide maximum performance and flexibility in battery operated systems. It has been designed specifically to fully support a single Li-Ion battery and its external charger voltages.

Features
◆ Up to 150mA per regulator output
◆ Low quiescent current (130µA typical with both outputs at 150mA)
◆ Low dropout voltage
◆ Wide selection of output voltages
◆ Stable operation with ceramic caps
◆ Tight load and line regulation
◆ Current and thermal limiting
◆ Reverse input polarity protection
◆ <1µA off-mode current
◆ Logic controlled enable
◆ Active low resets valid for V IN down to 0V
◆ Programmable reset
◆ Full industrial temperature range
◆ 10-Pin MSOP package. Also available in Lead-free, fully WEEE and RoHS compliant

Applications
◆ Cellular telephones
◆ Palmtop/Laptop computers
◆ Battery-powered equipment
◆ Bar code scanners
◆ SMPS post regulator/dc to dc modules
◆ High efficiency linear power supplies
◆ DSP supplies




Similar Part No. - SC1452

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452XIMSTRT SEMTECH-SC1452XIMSTRT Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
More results


Similar Description - SC1452

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
200Kb / 10P
150MA LDO REGULATOR WITH POG
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
logo
Rohm
BD3951F ROHM-BD3951F Datasheet
320Kb / 6P
System Regulator (RESET, Vcc-Detection and 150mA LDO)
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
LDO Regulator with Reset
R5511X RICOH-R5511X Datasheet
490Kb / 17P
LDO REGULATOR with RESET
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
Dual LDO Regulator with Reset Function
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210_06 Datasheet
194Kb / 11P
Dual 150mA LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com