Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1452
Description  DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1452 Datasheet HTML 1Page - Semtech Corporation SC1452 Datasheet HTML 2Page - Semtech Corporation SC1452 Datasheet HTML 3Page - Semtech Corporation SC1452 Datasheet HTML 4Page - Semtech Corporation SC1452 Datasheet HTML 5Page - Semtech Corporation SC1452 Datasheet HTML 6Page - Semtech Corporation SC1452 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SC1452
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
2
DUAL 150mA LDO REGULATOR WITH
PROGRAMMABLE RESET
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
-5 to +7
V
Enable Input Voltage
V
EN
-5 to +V
IN
V
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature
T
STG
-60 to +150
°C
Thermal Resistance Junction to Ambient
θ
JA
113
°C/W
Thermal Resistance Junction to Case
θ
JC
42
°C/W
ESD Rating (Human Body Model)
ESD
2
kV
ELECTRICAL CHARACTERISTICS
Unless specified: T
A = 25°C, VIN = VOUT + 1V, IOUTA = IOUTB = 1mA, COUT = 1.0 µF, VENA = VENB = VIN. Values in bold apply over full operating
temperature range.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IN
Input Supply Voltage
V
IN
2.5
6.5
V
Quiescent Current
I
Q
V
ENA = 0V, VENB = VIN, IOUTB = 150mA or
90
150
µA
V
ENB = 0V, VENA = VIN, IOUTA = 150mA
200
V
ENA = VENB = VIN, IOUTA = IOUTB = 150mA
150
240
µA
300
V
ENA = VENB = 0V (OFF)
0.5
1
µA
2
OUTA, OUTB
Output Voltage
V
OUT
I
OUT = 1mA
-1%
V
OUT
+1%
V
0mA
≤ I
OUT
=≤ 150mA, V
OUT +1V ≤
=V
IN ≤
=5.5V -2%
+2%
Line Regulation
REG
(LINE)
V
OUT + 1V ≤ VIN ≤ 5.5V, IOUT = 1mA
510
mV
12
Load Regulation
REG
(LOAD)
0.1mA
≤=I
OUT ≤
=150mA
-5
-15
mV
-30
Dropout Voltage
V
D
I
OUT = 1mA
1.1
mV
I
OUT = 50mA
55
75
mV
120
I
OUT =150mA
165
250
mV
300
Current Limit
I
LIM
400
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com