Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1452
Description  DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1452 Datasheet HTML 1Page - Semtech Corporation SC1452 Datasheet HTML 2Page - Semtech Corporation SC1452 Datasheet HTML 3Page - Semtech Corporation SC1452 Datasheet HTML 4Page - Semtech Corporation SC1452 Datasheet HTML 5Page - Semtech Corporation SC1452 Datasheet HTML 6Page - Semtech Corporation SC1452 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SC1452
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
3
DUAL 150mA LDO REGULATOR WITH
PROGRAMMABLE RESET
ELECTRICAL CHARACTERISTICS (Cont.)
Unless specified: T
A = 25°C, VIN = VOUT + 1V, IOUTA = IOUTB = 1mA, COUT = 1.0 µF, VENA = VENB = VIN. Values in bold apply over full operating
temperature range.
Parameter
Symbol
Condition
Min
Typ
Max
Units
OUTA, OUTB (Cont.)
Ripple Rejection
PSRR
f = 120Hz, C
BYP = 10nF
60
dB
Output Voltage Noise
e
n
f = 10Hz to 99kHz, I
OUT = 50mA,
C
BYP = 10nF, COUT = 2.2µF
50
µV
RMS
BYP
Start-up Rise Time
t
r
C
BYP = 10nF
1.5
ms
ENABLE (ENA, ENB)
Enable Input Threshold
V
IH
1.6
V
V
IL
0.4
Enable Input Current
I
EN
0.2
µA
RSTA, RSTB
Reset Threshold
V
TH
V
OUT falling
88
90
92
%V
OUT
V
OUT rising
90
92
94
Reset A Delay
t
RSTA
30
50
70
ms
Reset B Delay
t
RSTB
V
DLYB = 0V
90
150
210
ms
Reset A, B Output Voltage
(1)
V
OH
I
SOURCE = 0.5mA
80
%V
OUT
V
OL
I
SINK = 1.2mA
0.3
V
DLYB
Delay Voltage Threshold
V
DLYB
1.225 1.250 1.275
V
Delay Source Current
I
DLYB
V
OUTB < VTH
2.1
3.0
3.9
µA
OVER TEMPERATURE PROTECTION
High Trip Level
T
HI
150
°C
Hysteresis
T
HYST
20
°C
NOTE:
(1) V
OHA will be a percentage of VOUTA, and VOHB will be a percentage of VOUTB.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com