Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1976 Datasheet (PDF) - ams AG

AS1976 Datasheet PDF - ams AG
Part # AS1976
Download  AS1976 Download
File Size   152.83 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra-Low Current, 1.8V Comparators

AS1976 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1976 Datasheet PDF - ams AG

Part # AS1976
Download  AS1976 Click to download

File Size   152.83 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra-Low Current, 1.8V Comparators

AS1976 Datasheet (HTML) - ams AG


AS1976 Product details

General Description

The AS1976/AS1977 are very low-current comparators that can operate beyond the rail voltages and are guaranteed to operate down to 1.8V Low input bias current, current-limiting output circuitry, and ultra-small packaging make these comparators ideal for low-power 2-cell applications including power management and power-monitoring systems.



Key Features

CMOS Push/Pull Output Sinks and Sources 8mA (AS1976)

CMOS Open-Drain Output Voltage Extends Beyond VCC(AS1977)

Ultra-Low Supply Current: 200nA

Internal Hysteresis: 3mV

Guaranteed to Operate Down to +1.8V

Input Voltage Range Operates 200mV Beyond the Rails

Crowbar Current-Free Switching

No Phase Reversal for Overdriven Inputs

5-pin SOT23 Package




Similar Part No. - AS1976

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1976 AMSCO-AS1976 Datasheet
423Kb / 17P
Ultra-Low Current, 1.8V Comparators
AS1976 AMSCO-AS1976 Datasheet
883Kb / 18P
Ultra-Low Current, 1.8V Comparators
AS1976-T AMSCO-AS1976-T Datasheet
423Kb / 17P
Ultra-Low Current, 1.8V Comparators
AS1976-T AMSCO-AS1976-T Datasheet
883Kb / 18P
Ultra-Low Current, 1.8V Comparators
AS1976 AMSCO-AS1976_07 Datasheet
883Kb / 18P
Ultra-Low Current, 1.8V Comparators
More results


Similar Description - AS1976

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
ams AG
AS1976 AMSCO-AS1976_1 Datasheet
423Kb / 17P
Ultra-Low Current, 1.8V Comparators
logo
Texas Instruments
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
ams AG
AS1976 AMSCO-AS1976_07 Datasheet
883Kb / 18P
Ultra-Low Current, 1.8V Comparators
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Golledge Electronics Lt...
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
Miniature 1.8V Low Current Consumption Oscillator
logo
3PEAK INC.
TP1941 3PEAK-TP1941 Datasheet
1Mb / 23P
68ns, 1.8V, Ultra-low Power, RRI, Push-Pull Output Comparators
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
1.8V Micropower, RRIO, Open-Drain Output Comparators
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com