Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX931 Datasheet (PDF) - Maxim Integrated Products

MAX931 Datasheet PDF - Maxim Integrated Products
Part # MAX931
Download  MAX931 Download
File Size   164.51 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra Low-Power, Low-Cost Comparators with 2eference

MAX931 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX931 Datasheet PDF - Maxim Integrated Products

Part # MAX931
Download  MAX931 Click to download

File Size   164.51 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra Low-Power, Low-Cost Comparators with 2eference

MAX931 Datasheet (HTML) - Maxim Integrated Products


MAX931 Product details

General Description
The MAX931-MAX934 single, dual, and quad micropower, low-voltage comparators plus an on-board 2% accurate reference feature the lowest power consumption available. These comparators draw less than 4µA supply current over temperature (MAX931), and include an internal 1.182V ±2% voltage reference, programmable hysteresis, and TTL/CMOS outputs that sink and source current.
   
Features
♦ Ultra-Low 4µA Max Quiescent Current
    Over Extended Temp. Range (MAX931)
♦ Power Supplies:
    Single +2.5V to +11V
    Dual ±1.25V to ±5.5V
♦ Input Voltage Range Includes Negative Supply
♦ Internal 1.182V ±2% Bandgap Reference
♦ Adjustable Hysteresis
♦ TTL-/CMOS-Compatible Outputs
♦ 12µs Propagation Delay (10mV Overdrive)
♦ No Switching Crowbar Current
♦ 40mA Continuous Source Current
♦ Available in Space-Saving µMAX Package
   
Applications
    Battery-Powered Systems
    Threshold Detectors
    Window Comparators
    Oscillator Circuits
    Alarm Circuits
   




Similar Part No. - MAX931

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9310AEUP MAXIM-MAX9310AEUP Datasheet
176Kb / 11P
1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311ECJ MAXIM-MAX9311ECJ Datasheet
377Kb / 12P
1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311EGJ MAXIM-MAX9311EGJ Datasheet
377Kb / 12P
1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
More results


Similar Description - MAX931

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Texas Instruments
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com