Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9203 Datasheet (PDF) - Maxim Integrated Products

MAX9203 Datasheet PDF - Maxim Integrated Products
Part # MAX9203
Download  MAX9203 Download
File Size   408.08 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, 7ns, Low-Power Voltage Comparators

MAX9203 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9203 Datasheet PDF - Maxim Integrated Products

Part # MAX9203
Download  MAX9203 Click to download

File Size   408.08 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, 7ns, Low-Power Voltage Comparators

MAX9203 Datasheet (HTML) - Maxim Integrated Products


MAX9203 Product details

General Description
The MAX9201/MAX9202/MAX9203 high-speed, lowpower, quad/dual/single comparators feature TTL logic outputs with active internal pullups. Fast propagation delay (7ns typ at 5mV overdrive) makes these devices ideal for fast A/D converters and sampling circuits, line receivers, V/F converters, and many other data-discrimination, signal restoration applications.

Features
♦ Fast 7ns Propagation Delay
♦ Low 9mW/Comparator Power Consumption
♦ Separate Analog and Digital Supplies
♦ Flexible Analog Supply: +5V to +10V or ±5V
♦ Input Voltage Range Includes Negative Supply Rail
♦ TTL-Compatible Outputs
♦ TTL-Compatible Latch Inputs (MAX9202/MAX9203)
♦ Available in Space-Saving Packages
    8-Pin SOT23 (MAX9203)
    14-Pin TSSOP (MAX9202)
    16-Pin TSSOP (MAX9201)

Applications
    High-Speed A/D Converters
    High-Speed V/F Converters
    Line Receivers
    High-Speed Signal Squaring/Restoration
    Threshold Detectors
    Input Trigger Circuitry
    High-Speed Data Sampling
    PWM Circuits




Similar Part No. - MAX9203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX920 MAXIM-MAX920 Datasheet
150Kb / 12P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX920 MAXIM-MAX920 Datasheet
173Kb / 10P
PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX920 MAXIM-MAX920 Datasheet
597Kb / 15P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9205 MAXIM-MAX9205 Datasheet
320Kb / 13P
10-Bit Bus LVDS Serializers
Rev 1; 11/10
More results


Similar Description - MAX9203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
logo
Hi-Sincerity Mocroelect...
H393P HSMC-H393P Datasheet
34Kb / 3P
LOW POWER LOW OFFSET VOLTAGE COMPARATORS
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
logo
Linear Technology
LT1713 LINER-LT1713_15 Datasheet
238Kb / 16P
Single/Dual, 7ns, Low Power
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
Single/Dual, 7ns, Low Power
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
Low Power Low Offset Voltage Comparators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com