Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMC0310AS Datasheet (PDF) - ON Semiconductor

FDMC0310AS Datasheet PDF - ON Semiconductor
Part # FDMC0310AS
Download  FDMC0310AS Download
File Size   673.59 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel PowerTrench짰 SyncFETTM30 V, 21 A, 4.4 m廓

FDMC0310AS Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMC0310AS Datasheet PDF - ON Semiconductor

Part # FDMC0310AS
Download  FDMC0310AS Click to download

File Size   673.59 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel PowerTrench짰 SyncFETTM30 V, 21 A, 4.4 m廓

FDMC0310AS Datasheet (HTML) - ON Semiconductor




Similar Part No. - FDMC0310AS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMC035N10X1 ONSEMI-FDMC035N10X1 Datasheet
386Kb / 8P
N-Channel PowerTrench MOSFET
May, 2017, Rev. 1.0
More results


Similar Description - FDMC0310AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8880 FAIRCHILD-FDMS8880 Datasheet
284Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 21 A, 8.5 m廓
FDMA7672 FAIRCHILD-FDMA7672 Datasheet
224Kb / 6P
Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 21 m廓
FDMC7696 FAIRCHILD-FDMC7696 Datasheet
262Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 12 A, 11.5 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS8558SDC FAIRCHILD-FDMS8558SDC Datasheet
278Kb / 9P
N-Channel PowerTrench짰 SyncFETTM 25 V, 90 A, 1.5 m廓
FDMS8820 FAIRCHILD-FDMS8820 Datasheet
273Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 116 A, 2.0 m廓
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
logo
ON Semiconductor
FDB9409-F085 ONSEMI-FDB9409-F085 Datasheet
623Kb / 7P
N-Channel PowerTrench짰 MOSFET40 V, 80 A, 3.5 m廓
August-2017, Rev 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com