Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMC0310AS Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMC0310AS
Description  N-Channel PowerTrench짰 SyncFETTM30 V, 21 A, 4.4 m廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC0310AS Datasheet(HTML) 2 Page - ON Semiconductor

  FDMC0310AS Datasheet HTML 1Page - ON Semiconductor FDMC0310AS Datasheet HTML 2Page - ON Semiconductor FDMC0310AS Datasheet HTML 3Page - ON Semiconductor FDMC0310AS Datasheet HTML 4Page - ON Semiconductor FDMC0310AS Datasheet HTML 5Page - ON Semiconductor FDMC0310AS Datasheet HTML 6Page - ON Semiconductor FDMC0310AS Datasheet HTML 7Page - ON Semiconductor FDMC0310AS Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2013
Semiconductor Components Industries, LLC.
August-2017, Rev.3
FDMC0310AS
N-Channel PowerTrench® SyncFETTM
30 V, 21 A, 4.4 m
Ω
Features
Max rDS(on) = 4.4 mΩ at VGS = 10 V, ID = 19 A
Max rDS(on) = 5.2 mΩ at VGS = 4.5 V, ID = 17.5 A
Advanced package and silicon combination for low rDS(on) and
high efficiency
SyncFETTM Schottky Body Diode
MSL1 robust package design
100% UIL tested
RoHS Compliant
General Description
The FDMC0310AS has been designed to minimize losses in
power conversion application. Advancements in both silicon and
package technologies have been combined to offer the lowest
rDS(on) while maintaining excellent switching performance.This
device has the added benefit of an efficient monolithic schottky
body diode.
Applications
Synchronous Rectifier for DC/DC Converters
Notebook Vcore/GPU low side switch
Networking Point of Load low side switch
Telecom secondary side rectification
MLP 3.3x3.3
Bottom
D
D
D
D
S
S
S
G
Top
Pin 1
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VDSt
Drain to Source Transient Voltage ( t Transient < 100 ns)
33
V
VGS
Gate to Source Voltage
(Note 4)
±20
V
ID
Drain Current -Continuous
TC = 25°C
21
A
-Continuous
TA = 25°C
(Note 1a)
19
-Pulsed
100
EAS
Single Pulse Avalance Energy
(Note 3)
66
mJ
PD
Power Dissipation
TC = 25°C
36
W
Power Dissipation
TA = 25°C
(Note 1a)
2.4
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
3.4
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
53
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMC0310AS
FDMC0310AS
MLP 3.3X3.3
13 ’’
12 mm
3000 units
Publication Order Number:
FDMC0310AS/D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com