Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHC1810 Datasheet (PDF) - Zilog, Inc.

ZHC1810 Datasheet PDF - Zilog, Inc.
Part # ZHC1810
Download  ZHC1810 Download
File Size   861.58 Kbytes
Page   22 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Slim Series SIR Transceiver

ZHC1810 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHC1810 Datasheet PDF - Zilog, Inc.

Part # ZHC1810
Download  ZHC1810 Click to download

File Size   861.58 Kbytes
Page   22 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Slim Series SIR Transceiver

ZHC1810 Datasheet (HTML) - Zilog, Inc.


ZHC1810 Product details

Description
The ZILOG ZHX1810 is a low-profile version of ZiLOG’s popular ZHX1010 1-meter transceiver. The transceiver is mechanically enhanced for ultra compact, power-conscious portable products, such as mobile phones, portable printers, handheld computers, and personal data assistants (PDAs). Designed to operate using the IrDA-Data mode, the transceiver combines an infrared emitting diode (IRED) emitter, a PIN photodiode detector, a digital AC coupled LED driver, and a receiver/decoder in a single package.
   
Features
• Compliant to IrDA Data Specification SIR
• Wide power supply voltage range, 2.4 to 5.5 V
• Minimum link distance, 1 M
• Low-power, listening current, 90 µA (typical) at 3.0 V
• Slim form factor (9.1 mm long x 3.8 mm wide x 2.73 mm high)
• Only two external components required
• Extended operating temperature range (–30 °C to +85 °C)
• Meets IEC 825-1 Class 1 Eye Safety Specifications
   




Similar Part No. - ZHC1810

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
ZHCONNECTOR JST-ZHCONNECTOR Datasheet
1,016Kb / 4P
1.5 mm pitch/Disconnectable Crimp style connectors
2021
logo
Zetex Semiconductors
ZHCS1000 ZETEX-ZHCS1000 Datasheet
163Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
ZHCS1000 ZETEX-ZHCS1000 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZHCS1000 DIODES-ZHCS1000 Datasheet
174Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
OCTOBER 1997
ZHCS1000 DIODES-ZHCS1000 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
More results


Similar Description - ZHC1810

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
Integrated Infrared Transceiver Module IrDA (SIR)
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
26-Jan-04
logo
Zilog, Inc.
ZHX1810 ZILOG-ZHX1810 Datasheet
892Kb / 20P
Slim Series SIR Transceiver
ZHX1203 ZILOG-ZHX1203 Datasheet
588Kb / 16P
SIR UltraSlim Transceiver (IrMC)
ZHX1000 ZILOG-ZHX1000 Datasheet
525Kb / 18P
SIR Transceiver
ZHX1201 ZILOG-ZHX1201 Datasheet
519Kb / 15P
SIR UltraSlimTM Transceiver (IrMC)
ZHX1820 ZILOG-ZHX1820 Datasheet
800Kb / 22P
Slim Series SIR Top Look Transceiver
logo
ELESTA GmbH
SIR4 ELESTA-SIR4 Datasheet
269Kb / 1P
SIR 4 Series
SIR6 ELESTA-SIR6 Datasheet
260Kb / 1P
SIR 6 Series
SIR8 ELESTA-SIR8 Datasheet
310Kb / 1P
SIR 8 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com