Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHX1820 Datasheet (PDF) - Zilog, Inc.

ZHX1820 Datasheet PDF - Zilog, Inc.
Part # ZHX1820
Download  ZHX1820 Download
File Size   800.66 Kbytes
Page   22 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Slim Series SIR Top Look Transceiver

ZHX1820 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZHX1820 Datasheet PDF - Zilog, Inc.

Part # ZHX1820
Download  ZHX1820 Click to download

File Size   800.66 Kbytes
Page   22 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Slim Series SIR Top Look Transceiver

ZHX1820 Datasheet (HTML) - Zilog, Inc.


ZHX1820 Product details

Description
The ZILOG ZHX1820 is a low-profile version of ZiLOG’s popular ZHX1010 1-meter transceiver. Packaged in the “top-look” configuration (that is, the lens axis is perpendicular to the mounting surface), the transceiver is mechanically enhanced for ultra compact, power-conscious portable products, such as portable printers, handheld computers, and personal data assistants (PDAs). Designed to operate using the IrDA-Data mode, the transceiver combines an infrared emitting diode (IRED) emitter, a PIN photodiode detector, a digital AC coupled LED driver, and a receiver/decoder in a single package.
   
Features
• Compliant to IrDA Data Specification SIR
• Wide power supply voltage range, 2.4 to 5.5 V
• Low-power, listening current, 90 µA (typical) at 3.0 V
• Slim form factor (9.0 mm long x 3.65 mm wide x 2.75 mm high)
• Only two external components required
• Telecom operating temperature range (–30 °C to +85 °C) with the
    ZHX1820TV115THTR
• Extended operating temperature range (–40 °C to +85 °C) with the
    ZHX1820TV115XHTR
• 0 to 1 meter minimum link distance; 0 to 1.5 meters typical (–30 °C to +85 °C)
    – 0 to 80 cm minimum link distance; 0 to 1.2 meters typical (below 30 °C)
• Meets IEC 825-1 Class 1 Eye Safety Specifications
   




Similar Part No. - ZHX1820

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZHX1810 ZILOG-ZHX1810 Datasheet
892Kb / 20P
Slim Series SIR Transceiver
ZHX1810 ZILOG-ZHX1810 Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
ZHX1810MV115THTR ZILOG-ZHX1810MV115THTR Datasheet
892Kb / 20P
Slim Series SIR Transceiver
ZHX1810MV115THTR ZILOG-ZHX1810MV115THTR Datasheet
861Kb / 22P
Slim Series SIR Transceiver
More results


Similar Description - ZHX1820

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
Integrated Infrared Transceiver Module IrDA (SIR)
logo
Vishay Siliconix
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s)
26-Jan-04
logo
Zilog, Inc.
ZHX1810 ZILOG-ZHX1810 Datasheet
892Kb / 20P
Slim Series SIR Transceiver
ZHX1203 ZILOG-ZHX1203 Datasheet
588Kb / 16P
SIR UltraSlim Transceiver (IrMC)
ZHC1810 ZILOG-ZHC1810 Datasheet
861Kb / 22P
Slim Series SIR Transceiver
ZHX1000 ZILOG-ZHX1000 Datasheet
525Kb / 18P
SIR Transceiver
ZHX1201 ZILOG-ZHX1201 Datasheet
519Kb / 15P
SIR UltraSlimTM Transceiver (IrMC)
ZHX2010 ZILOG-ZHX2010 Datasheet
541Kb / 22P
Side-Look FIR Transceiver
logo
ELESTA GmbH
SIR4 ELESTA-SIR4 Datasheet
269Kb / 1P
SIR 4 Series
SIR6 ELESTA-SIR6 Datasheet
260Kb / 1P
SIR 6 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com