Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INF85116N Datasheet (PDF) - Integral Corp.

INF85116N Datasheet PDF - Integral Corp.
Part # INF85116N
Download  INF85116N Download
File Size   158.55 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 2048 X 8 -Bit CMOS EEPROM with I2鬼-bus interface

INF85116N Datasheet (PDF)

Go To PDF Page Download Datasheet
INF85116N Datasheet PDF - Integral Corp.

Part # INF85116N
Download  INF85116N Click to download

File Size   158.55 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 2048 X 8 -Bit CMOS EEPROM with I2鬼-bus interface

INF85116N Datasheet (HTML) - Integral Corp.


INF85116N Product details

2048 х 8 -Bit CMOS EEPROM with I2С-bus interface

The INF85116N is an 16-Kbits (2048 x 8-bit) floating gate Electrically Erasable Programmable Read Only Memory (EEPROM). Power consumption is low due to the full CMOS technology used. The programming voltage is generated on-chip, using a voltage multiplier. As data bytes are received and transmitted via the serial I2C-bus, a package using eight pins is sufficient. Only one INF85116N device is required to support all eight blocks of 256 x 8-bit each.


FEATURES
• Low power CMOS
    -maximum active current 1.0 mA
    -maximum standby current 10 µA (at 5.5 V), typical 4 µA
• Non-volatile storage of 16-Kbits organized as eight blocks of 256x8-bits during 20 years ( at 55°C )
• Single supply (Ucc=2,7 ÷ 5,5 V);
• Automatically increased words address
• On-chip voltage multiplier
• Serial input/output I2C-bus
• 1000000 ERASE/WRITE cycles per byte
• Internal timer for writing (no external components)
• Write operations: multi byte write mode to 32 bytes
• Write - protection input
• Power-on-reset
• Temperature range: -40°C ÷ +85°C




Similar Part No. - INF85116N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF8574 INTEGRAL-INF8574 Datasheet
254Kb / 10P
silicon CMOS circuit
logo
IK Semicon Co., Ltd
INF8574 IKSEMICON-INF8574 Datasheet
384Kb / 11P
Compatible with most microcontrollers
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
Operating supply voltage 2.5 to 6 V
logo
Integral Corp.
INF8577N INTEGRAL-INF8577N Datasheet
251Kb / 9P
LCD CONTROL IC WITH I2C INTERFACE
INF8582E INTEGRAL-INF8582E Datasheet
212Kb / 8P
256 奎 8 BIT STATIC CMOS EEPROM WITH I2鬼-BUS. ( ANALOG - MICROCIRCUIT PCF8582?, F.PHILIPS).
More results


Similar Description - INF85116N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
INF8582E INTEGRAL-INF8582E Datasheet
212Kb / 8P
256 奎 8 BIT STATIC CMOS EEPROM WITH I2鬼-BUS. ( ANALOG - MICROCIRCUIT PCF8582?, F.PHILIPS).
logo
NXP Semiconductors
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com