Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7584D Datasheet (PDF) - OKI electronic componets

MSM7584D Datasheet PDF - OKI electronic componets
Part # MSM7584D
Download  MSM7584D Download
File Size   396.94 Kbytes
Page   58 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description pi/4 Shift QPSK MODEM/ADPCM CODEC

MSM7584D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7584D Datasheet PDF - OKI electronic componets

Part # MSM7584D
Download  MSM7584D Click to download

File Size   396.94 Kbytes
Page   58 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description pi/4 Shift QPSK MODEM/ADPCM CODEC

MSM7584D Datasheet (HTML) - OKI electronic componets


MSM7584D Product details

GENERAL DESCRIPTION
The MSM7584D is a CMOS IC developed for use with digital cordless telephones. The device provides a p/4 shift QPSK modem function and a CODEC function which performs transcoding between the voice band analog signal and 32 kbps ADPCM data.
The MSM7584C is ideal for use in a handset of the PHS (Personal Handyphone System).

FEATURES
(p/4 Shift QPSK Modem)
• Built-in root Nyquist filter (a (rolloff rate) = 0.5) for the baseband limiter
• Differential I and Q analog outputs
• The DC offset and gain can be adjusted with respect to the differential I and Q analog outputs
• Completely digitized π/4 shift QPSK demodulator system
• Input IF signal frequency of 1.2 MHz or 10.8 MHz is available.
• Built-in A/D converter for RSSI detection

(ADPCM CODEC)
• ADPCM : ITU-T Recommendations G.726 (32 kbps)
• Transmit/receive full duplex capability
• PCM interface code format: selectable between m-law and A-law
• Built-in transmit/receive mute function and transmit/receive programmable gain setting function
• Side tone path formation and level adjustment capabilities
• Built-in DTMF tone and other tones
• Built-in VOX function
• Built-in speech recording/playing interface
• Built-in 150 W driving OP AMP
• Built-in various analog switches

(Common)
• Single 3V power supply (VDD: 2.7 V to 3.6 V)
• Mode setting through serial interface
• Low power consumption
    When the modem unit is operating : 13 mA Typ. (VDD = 3.0 V)
    When the ADPCM CODEC unit is operating : 7 mA Typ. (VDD = 3.0 V)
    When in the power down mode : 0.03 mA Typ. (VDD = 3.0 V)
• Package:
    80-pin plastic TQFP (TQFP80-P-1212-0.50-K) (Product name : MSM7584DTS-K)




Similar Part No. - MSM7584D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
pi /4 Shift QPSK MODEM/ADPCM CODEC
MSM7584CTS-K OKI-MSM7584CTS-K Datasheet
307Kb / 57P
pi /4 Shift QPSK MODEM/ADPCM CODEC
More results


Similar Description - MSM7584D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
pie/4 Shift QPSK MODEM
MSM7583 OKI-MSM7583 Datasheet
215Kb / 23P
pie/4 Shift QPSK MODEM
MSM7586-01 OKI-MSM7586-01 Datasheet
284Kb / 42P
pie/4 Shift QPSK MODEM/ADPCM CODEC
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
pi /4 Shift QPSK MODEM/ADPCM CODEC
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
DIGITAL CLP MODEM WITH ADPCM CODEC
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
logo
LAPIS Semiconductor Co....
MSM7582B LAPIS-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
ADPCM Codec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com