Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7583 Datasheet (PDF) - OKI electronic componets

MSM7583 Datasheet PDF - OKI electronic componets
Part # MSM7583
Download  MSM7583 Download
File Size   215.29 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description pie/4 Shift QPSK MODEM

MSM7583 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7583 Datasheet PDF - OKI electronic componets

Part # MSM7583
Download  MSM7583 Click to download

File Size   215.29 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description pie/4 Shift QPSK MODEM

MSM7583 Datasheet (HTML) - OKI electronic componets


MSM7583 Product details

GENERAL DESCRIPTION
The MSM7583 is a CMOS IC for the p/4 shift QPSK modem developed for the digital cordless telephone systems.
The device, which contains one system of modulator and two systems of demodulater, is optimized for applications for cell stations in a cordless telephone system.
   
FEATURES
• Single +5 V Power Supply: 4.5 V to 5.5 V

(Modulator Block)
• Built in Root Nyquist Filter for Baseband Limitting (50% Roll-off)
• Ramp Bit for Burst Signal Rise-up (Fall-down) : 2 Symbols
• Built-in D/A converters for Analog Outputs of Quadrature Signal I/Q Components and
    √I2 + Q2 (Analog) Power Envelope Output.
• Differential I/Q Analog Output Type
• I/Q Output, DC Offset/Amplitude Adjustable
   
(Demodulator Block)
• Built-in Diversity-corresponding Demodulation Circuit: 2 Systems
• Full Digital p/4 Shift QPSK Demodulation System
• Input IF Signal Frequency Selectable: 1.2/10.7/10.75/10.8 MHz
• Built-in Clock Recovery: 4 Circuits
• Transmit/Receive Independent Power-down Control capability
• Built-in Precise Analog Voltage Reference
• MCU Serial Interface for Mode Setting and Built-in Test Circuit
• Test Modes: Eye Pattern/AFC Compensating Signal/Phase Detection Signal Monitoring
                       Capability
• Transmission Speed: 384 kbps
• Low Power Consumption
    Operating Mode: 16 mA Typ./Modulator (VDD = 5.0 V)
                                28 mA Typ./Demodulator (VDD = 5.0 V)
    Whole Power-down Mode: 0.03 mA Typ. (VDD = 5.0 V)
• Package:
    64-pin plastic QFP (QFP64-P-1414-0.80-BK)(Product name : MSM7583GS-BK)
   




Similar Part No. - MSM7583

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
ITU-T G.721 ADPCM TRANSCODER
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
ITU-T G.721 4ch ADPCM TRANSCODER
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
pie/4 Shift QPSK MODEM
MSM7582B OKI-MSM7582B Datasheet
181Kb / 24P
pie/4 Shift QPSK MODEM
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
More results


Similar Description - MSM7583

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
pie/4 Shift QPSK MODEM
MSM7586-01 OKI-MSM7586-01 Datasheet
284Kb / 42P
pie/4 Shift QPSK MODEM/ADPCM CODEC
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
QPSK transmitter
1999 Nov 05
logo
OKI electronic componet...
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
pi /4 Shift QPSK MODEM/ADPCM CODEC
MSM7584D OKI-MSM7584D Datasheet
396Kb / 58P
pi/4 Shift QPSK MODEM/ADPCM CODEC
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
QPSK Modulator
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
logo
LAPIS Semiconductor Co....
MSM7582B LAPIS-MSM7582B Datasheet
2Mb / 25P
?/4 Shift QPSK MODEM
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
QPSK Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com