Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7583 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7583
Description  pie/4 Shift QPSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7583 Datasheet HTML 1Page - OKI electronic componets MSM7583 Datasheet HTML 2Page - OKI electronic componets MSM7583 Datasheet HTML 3Page - OKI electronic componets MSM7583 Datasheet HTML 4Page - OKI electronic componets MSM7583 Datasheet HTML 5Page - OKI electronic componets MSM7583 Datasheet HTML 6Page - OKI electronic componets MSM7583 Datasheet HTML 7Page - OKI electronic componets MSM7583 Datasheet HTML 8Page - OKI electronic componets MSM7583 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
MSM7583
¡ Semiconductor
BLOCK DIAGRAM
SL11
SL21
SL31
SL41
SL11
SL21
SL31
SL41
D
E
C
D
E
C
S
E
L
DPLL
S
E
L
DPLL
S
E
L
S
E
L
X2
X1
DEN
EXCK
DIN
DOUT
VDD
DGND
AGND
IFIN1
MCK
IFCK
PDN0
PDN1
PDN2
RESET
IFN2
BST0
I+
I–
Q+
Q–
ENV
SG
+1
–1
+1
+1
–1
IFSEL0
(From CR)
IFSEL1
(From CR)
To each block
To each block
AFC
Decision
Phase Detector
Delay Detector
Control
Register
DC Offset
Adjust
DC Offset
Adjust
VREF
LPF
LPF
LPF
D/A
D/A
D/A
I output gain adjust
Q output gain adjust
To internal SG
To monitor
output of
each block
TEST1, TEST0 (From CR)
1/10
PLL
AFC
S/P
MAPPING
TXCO
TXCI
TXW
TXD
TXCEL (From CR)
384 kHZ
SLS11
SLS21
AFC1
RXD1
RXSC1
RXC1
RCW1
RPR1
RXD0
RXC0
RXSC0
RXSEL
RPR2
RCW2
RXCS2
RXC2
RXD2
AFC2
SLS21
SLS22
Root Nyquist
LPF
S
E
L
3.84 MHz
To D/A
Decision
Phase Detector
Delay Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com