Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7583 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7583
Description  pie/4 Shift QPSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7583 Datasheet HTML 15Page - OKI electronic componets MSM7583 Datasheet HTML 16Page - OKI electronic componets MSM7583 Datasheet HTML 17Page - OKI electronic componets MSM7583 Datasheet HTML 18Page - OKI electronic componets MSM7583 Datasheet HTML 19Page - OKI electronic componets MSM7583 Datasheet HTML 20Page - OKI electronic componets MSM7583 Datasheet HTML 21Page - OKI electronic componets MSM7583 Datasheet HTML 22Page - OKI electronic componets MSM7583 Datasheet HTML 23Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MSM7583
¡ Semiconductor
21/23
APPLICATION CIRCUIT
Figure 10 Example of Circuit Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
NC
IFCK
MCK
DGND
IFIN2
DGND
IFIN1
DGND
VDD
DOUT
DIN
EXCK
DEN
RESET
PDN0
PDN1
AGND
SG
I+
I–
Q+
Q–
ENV
VDD
SLS11
SLS21
RXD1
RXC1
RXSC1
SLS12
SLS22
NC
MSM7583GS-BK
19.2 MHz input
Demodulator 2
IF input
C5
Demodulator 1
IF input
C4
VDD
Control register
control signal
Reset signal
Power
down
control
signal
Burst window output
Modulator data window
Modulator input data
Modulator 384 kHz input
Modulator I
component
output
Modulator Q
component
output
VDD
Demodulator 1
control signal
Demodulator 2
control signal
Receive data 1 output
Receive clock 1 output
Receive symbol clock 1
output
Receive data 2 output
Receive clock 2 output
Receive symbol clock 2 output
Receive channel select signal
Receive data output
Receive clock output
Receive symbol clock output
Demodulator 1
control
signal
Demodulator 2
control
signal
VDD
C3
C2
C1
C1 = 10 mF
C2 = C3 = 0.1 mF
C4 = C5 = 1000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com