Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7583 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7583
Description  pie/4 Shift QPSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7583 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7583 Datasheet HTML 8Page - OKI electronic componets MSM7583 Datasheet HTML 9Page - OKI electronic componets MSM7583 Datasheet HTML 10Page - OKI electronic componets MSM7583 Datasheet HTML 11Page - OKI electronic componets MSM7583 Datasheet HTML 12Page - OKI electronic componets MSM7583 Datasheet HTML 13Page - OKI electronic componets MSM7583 Datasheet HTML 14Page - OKI electronic componets MSM7583 Datasheet HTML 15Page - OKI electronic componets MSM7583 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MSM7583
¡ Semiconductor
12/23
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage
Digital Input Voltage
Storage Temperature
Parameter
Symbol
VDD
VDIN
TSTG
Unit
V
V
°C
–0.3 to VDD + 0.3
–55 to +150
0 to 7
Rating
Condition
—
—
—
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
VDD
Ta
VIH
VIL
Unit
V
V
V
Condition
Voltage must be fixed
—
°C
MHz
MHz
MHz
kHz
MHz
%
%
Max.
TXCI (when CR0 - B6 = "0")
Min.
Typ.
Power Supply Voltage
Operating Temperature
Input High Voltage
Input Low Voltage
Master Clock Frequency
Modulator Input Frequency
Demodulator Input
Frequency
Clock Duty Cycle
IF Input Duty Cycle
fMCK
fTXC1
fTXC2
fIFCK1
fIFCK2
DCCK
DCIF
MCK
TXCI (when CR0 - B6 = "1")
IFCK (when IFIN = 10.7 MHz)
IFCK (when IFIN = 10.75 MHz)
MCK, IFCK, TXCI
IFCK
All digital input pins
All digital input pins
2.2
4.5
—
—
—
–25
0
40
45
–50 ppm
–50 ppm
—
—
—
5.5
+70
0.6
VDD
60
55
+50 ppm
+50 ppm
—
+25
—
—
19.2
384
3.84
50
50
19.0222
19.1111
(VDD = 4.5 V to 5.5 V, Ta = –25°C to +70°C)
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
IDD1
IDD2
IDD3
IDD4
Unit
mA
mA
mA
Condition
—
—
mA
mA
V
V
mA
mA
mA
Max.
2.8
Min.
Typ.
IDD5
IDD6
VOH
VOL
IIH
IIL
—
—
—
—
—
—
—
VDD
0.03
25.0
8.5
0.0
(VDD = 4.5 V to 5.5 V, Ta = –25°C to +70°C)
—
—
—
—
—
16.0
28.0
35.0
0.06
50.0
17.0
32.0
56.0
70.0
0.4
10
10
Power Supply Current
Mode A (when VDD = 5.0 V)
Mode B (when VDD = 5.0 V)
Mode C (when VDD = 5.0 V)
Mode D (when VDD = 5.0 V)
Mode E (when VDD = 5.0 V)
Mode F (when VDD = 5.0 V)
Output High Voltage
Output Low Voltage
Input Leakage Current
IOH = 0.4 mA
IOL = –1.6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com